Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3033 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP3033 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP3033
Download  AP3033 Download
File Size   929.69 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description WHITE LED STEP-UP CONVERTER

AP3033 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3033 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP3033
Download  AP3033 Click to download

File Size   929.69 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description WHITE LED STEP-UP CONVERTER

AP3033 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP3033 Product details

General Description
The AP3033 is an inductor-based DC/DC boost converter designed to drive LED arrays. 1.3A switching current allows AP3033 to be used in different 7 to 10 LCD panel backlights (3S8P LED arrays typically).
   
Features
• Up to 92% Efficiency
    (VIN=9V, IOUT=160mA)
• Up to 88% Efficiency
    (VIN=5V, IOUT=160mA)
• Fast 1MHz Switching Frequency
• Wide Input Voltage Range: 3V to 16V
• Low 200mV Feedback Voltage
• Output Over Voltage Protection
• Cycle by Cycle Current Limit: 1.3A
• High Frequency PWM Dimming
• Built-in Soft-start
• Built-in Thermal Shutdown Function
• Under Voltage Lockout
   
Applications
• 7 to 10 LCD Panels
• Digital Photo Frame
• GPS Receiver
• Netbook
• PDVD
   




Similar Part No. - AP3033

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3030 BCDSEMI-AP3030 Datasheet
240Kb / 13P
WHITE LED STEP-UP CONVERTER
AP3030 BCDSEMI-AP3030 Datasheet
694Kb / 13P
WHITE LED STEP-UP CONVERTER
logo
Hammond Manufacturing L...
AP3030 HAMMOND-AP3030 Datasheet
53Kb / 1P
Panels for N1A Series Enclosures
logo
BCD Semiconductor Manuf...
AP3030KTR-E1 BCDSEMI-AP3030KTR-E1 Datasheet
240Kb / 13P
WHITE LED STEP-UP CONVERTER
AP3030KTR-E1 BCDSEMI-AP3030KTR-E1 Datasheet
694Kb / 13P
WHITE LED STEP-UP CONVERTER
More results


Similar Description - AP3033

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com