Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1012L-XX-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR1012L-XX-AF5-R
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1012L-XX-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LR1012L-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1012L-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1012L-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1012L-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1012L-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1012L-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LR1012
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-495.b
ABSOLUTE MAXIMUM RATING (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
18
V
VON/OFF
VSS -0.3 ~ 18
V
Output Voltage
VOUT
VSS -0.3 ~ VIN+0.3
V
Power Dissipation
PD
250
mW
Operating Temperature
TOPR
-40~+85
℃
Storage Temperature Range
TSTG
-40~+125
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage (Note 1)
VOUT (E)
VIN=VOUT(S)+2V, IOUT=10mA
VOUT(S)
× 0.98
VOUT(S)
VOUT(S)
×1.02
V
Output Current (Note 2)
IOUT
VOUT(S)+2≤VIN≤16V
2.0V≤VOUT(S)≤2.9V
30
mA
3.0V≤VOUT(S)≤3.9V
50
mA
4.0V≤VOUT(S)≤4.9V
65
mA
5.0V≤VOUT(S)≤5.9V
75
mA
Dropout Voltage (Note 3)
Vdrop
IOUT =10mA
2.0V≤VOUT(S)≤2.4V
0.46
0.95
V
2.5V≤VOUT(S)≤2.9V
0.32
0.68
V
3.0V≤VOUT(S)≤3.4V
0.23
0.41
V
3.5V≤VOUT(S)≤3.9V
0.19
0.35
V
4.0V≤VOUT(S)≤4.4V
0.16
0.30
V
4.5V≤VOUT(S)≤4.9V
0.14
0.27
V
5.0V≤VOUT(S)≤5.4V
0.12
0.25
V
5.5V≤VOUT(S)≤6.0V
0.11
0.23
V
Line Regulation 1
ΔVOUT1 VOUT(S)+1V≤VIN≤16V, IOUT=1mA
5
30
mV
Line Regulation 2
ΔVOUT2 VOUT(S)+1V≤VIN≤16V, IOUT=1µA
5
40
mV
Load Regulation
ΔVOUT3 VIN=VOUT(S)+2V
2.0V≤VOUT(S)≤2.9V,
1µA≤IOUT≤20mA
6
30
mV
3.0V≤VOUT(S)≤3.9V,
1µA≤IOUT≤30mA
10
45
mV
4.0V≤VOUT(S)≤4.9V,
1µA≤IOUT≤40mA
13
65
mV
5.0V≤VOUT(S)≤5.9V,
1µA≤IOUT≤50mA
17
80
mV
Output Voltage temperature
coefficient (Note 4)
ΔVOUT
ΔTA·VOUT
VIN = VOUT (S) + 1 V, IOUT = 10mA
-40℃≤TA≤85℃
±100
ppm
/℃
Current Consumption
ISS
VIN=VOUT(S)+2V
no load
2.0V≤VOUT(S)≤2.7V
0.9
1.6
µA
2.8V≤VOUT(S)≤3.7V
1.0
1.8
µA
3.8V≤VOUT(S)≤5.1V
1.2
2.1
µA
5.2V≤VOUT(S)≤6.0V
1.5
2.5
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com