Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1012L-XX-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1012L-XX-AF5-R
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1012L-XX-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1012L-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1012L-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1012L-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1012L-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1012L-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1012L-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LR1012
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-495.b
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
16
V
Current Consumption at
Poweroff
ISS2
VIN=VOUT(S)+2V, VON/OFF=0V, no load
0.1
0.5
µA
ON/OFF Pin
Input Voltage For High Level
VSH
VIN=VOUT (S)+2V, R=1kΩ
judged by VOUT output level
2.0
V
ON/OFF Pin
Input Voltage For Low Level
VSL
VIN=VOUT(S)+2V, RL=1kΩ
judged by VOUT output level
0.4
V
ON/OFF pin
Input Current at high Level
ISH
VIN=VOUT(S)+2V, VON/OFF=7V
0.1
µA
ON/OFF Pin
Input Current at Low Level
ISL
VIN=VOUT(S)+2V, VON/OFF=0V
-0.1
µA
Short-Circuit Current
IOS
VIN=VOUT(S)+2V, VOUT pin=0 V
40
mA
Notes:
1. VOUT(S)=Specified output voltage
VOUT(E)=Effective output voltage, i.e., the output voltage when fixing IOUT(=10 mA) and inputting VOUT(S)+2.0V.
2. Output current at which output voltage becomes 95% of VOUT(E) after gradually increasing output current.
3. Vdrop=VIN1-(VOUT(E)×0.98), where VIN1 is the Input voltage at which output voltage becomes 98% of VOUT(E) after
gradually decreasing input voltage.
4. Temperature change ratio for the output voltage [mV/°C] is calculated using the following equation.
1000
÷
•
Δ
Δ
×
=
Δ
Δ
]
℃
/
ppm
[
V
T
V
]
V
)[
S
(
V
]
℃
/
mV
[
T
V
OUT
A
OUT
OUT
A
OUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com