Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1106L-XX-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1106L-XX-AF5-R
Description  LARGE CURRENT POSITIVE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1106L-XX-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1106L-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LR1106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 17
www.unisonic.com.tw
QW-R502-055,Q
ABSOLUTE MAXIMUM RATINGS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
8
V
Output Voltage
VOUT
VSS -0.3 ~ VIN+0.3
V
Output Current
IOUT
400
mA
Power Dissipation
SOT-25/SOT-23
PD
300
mW
SOT-89/SOP-8
500
mW
VSON-6
1000
mW
Operating Ambient Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-40 ~ +125
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified.)
For LR1106-18
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=2.8V, IOUT=40mA
1.764
1.800
1.836
V
Input Voltage
VIN
8
V
Load Regulation
ΔVOUT
VIN=2.8V, 1mA≤IOUT≤200mA
40
100
mV
Dropout Voltage
VD1
IOUT=100mA
200
300
mV
VD2
IOUT=200mA
400
600
Maximum Output Current
IOUT(MAX)
VIN=2.8V, VOUT≥VOUT× 0.90
400
mA
Supply Current
ISS
VIN=2.8V, VEN=VIN
30.0
50.0
μA
EN Input Bias Current
IEH
VEN=VIN
0.1
μA
IEL
VEN=0, VIN=2.8V to 8V
1.0
3.0
μA
EN Input Threshold
VEH
VIN=2.8V to 8V
VIN/2+0.8
VIN
V
VEL
VIN=2.8V to 8V
0
0.4
V
Line Regulation
V
△ OUT
V
△ IN×VOUT
IOUT=40mA, 2.8V≤VIN≤8.0V
0.2
0.5
%/V
Output Voltage
Temperature Characteristics
V
△ OUT
T
△ OPR×VOUT
IOUT=40mA
±100
ppm/°С
For LR1106-22
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=3.2V, IOUT=40mA
2.156
2.200
2.244
V
Input Voltage
VIN
8
V
Load Regulation
ΔVOUT
VIN=3.2V, 1mA≤IOUT≤200mA
40
100
mV
Dropout Voltage
VD1
IOUT=100mA
200
300
mV
VD2
IOUT=200mA
400
600
Maximum Output Current
IOUT(MAX)
VIN=3.2V, VOUT≥VOUT× 0.90
400
mA
Supply Current
ISS
VIN=3.2V, VEN=VIN
30.0
50.0
μA
EN Input Bias Current
IEH
VEN=VIN
0.1
μA
IEL
VEN=0, VIN=3.2V to 8V
1.0
3.0
μA
EN Input Threshold
VEH
VIN=3.2V to 8V
VIN/2+0.8
VIN
V
VEL
VIN=3.2V to 8V
0
0.4
V
Line Regulation
V
△ OUT
V
△ IN×VOUT
IOUT=40mA, 3.2V≤VIN≤8.0V
0.2
0.5
%/V
Output Voltage
Temperature Characteristics
V
△ OUT
T
△ OPR×VOUT
IOUT=40mA
±100
ppm/°С



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com