Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1106L-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1106L-XX-AF5-R
Description  LARGE CURRENT POSITIVE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1106L-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1106L-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1106L-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1106
CMOS IC
www.unisonic.com.tw
1 of 17
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-055,Q
LARGE CURRENT POSITIVE
VOLTAGE REGULATORS
DESCRIPTION
The UTC LR1106 series are positive voltage regulators that
developed in CMOS technology with highly precise, low power
consumption. It is capable of large currents with a significantly small
dropout voltage.
The device consists of a driver transistor, a precision reference
voltage and an error amplifier. Basically, output voltage is selectable
in 0.1V step form 1.8V to 6.0V, 2.85V also is available.
FEATURES
* Maximum Output Current : 400mA
* Maximum Operating Voltage : 8V
* Highly Accurate : ± 2%
* Low Power Consumption : TYP 8.0μA
* Output Voltage Temperature Characteristics : TYP ±100ppm/°C
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
12345 6 7 8
LR1106L-xx-AB3-B-R
LR1106G-xx-AB3-B-R
SOT-89
O G I
-
-
-
-
-
Tape Reel
LR1106L-xx-AB3-C-R
LR1106G-xx-AB3-C-R
SOT-89
G I O -
-
-
-
-
Tape Reel
LR1106L-xx-AE3-3-R
LR1106G-xx-AE3-3-R
SOT-23
O G I
-
-
-
-
-
Tape Reel
LR1106L-xx-AF5-R
LR1106G-xx-AF5-R
SOT-25
I G E N O -
-
-
Tape Reel
LR1106L-xx-S08-R
LR1106G-xx-S08-R
SOP-8
O N G N E N N I
Tape Reel
LR1106L-xx-S08-T
LR1106G-xx-S08-T
SOP-8
O N G N E N N I
Tube
LR1106L-xx-VB06-2018-R
LR1106G-xx-VB06-2018-R
VSON-6
I N O N G E -
-
Tape Reel
Note: Pin Assignment: I: VIN
O: VOUT
G: GND
N: No Connection
E: Enable
xx: Output Voltage, refer to Marking Information.
(1) R: Tape Reel, T: Tube
(2) Refer to Pin Assignment
(3) AB3: SOT-89, AE3: SOT-23, AF5: SOT-25,
(3) S08: SOP-8, VB06-2018: VSON-6
(4) xx: Refer to Marking Information
(5) G: Halogen Free, L: Lead Free
LR1106L-xx-AB3-B-R
(1) Packing Type
(2) Pin Code
(3) Package Type
(4) Output Voltage Code
(5) Lead Free


Similar Part No. - LR1106L-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1106L-XX-AF5-R UTC-LR1106L-XX-AF5-R Datasheet
575Kb / 16P
LARGE CURRENT POSITIVE VOLTAGE REGULATORS
More results

Similar Description - LR1106L-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB927 SANYO-2SB927 Datasheet
79Kb / 3P
Large-Current Driving Applications??????????
2SB985 SANYO-2SB985 Datasheet
96Kb / 3P
Large-Current Driving Applications
logo
Unisonic Technologies
LR1106 UTC-LR1106 Datasheet
575Kb / 16P
LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIC3201S KEC-KIC3201S Datasheet
383Kb / 6P
CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator
logo
Torex Semiconductor
XC6203 TOREX-XC6203_1 Datasheet
1Mb / 20P
Large Current Positive Voltage Regulators
logo
ON Semiconductor
2SD1207S-AE ONSEMI-2SD1207S-AE Datasheet
97Kb / 5P
Large-Current Switching Applications
Jan-2011, Rev. 0
logo
E-Tech Electronics LTD
LR1106 ETL-LR1106 Datasheet
859Kb / 17P
LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
Large Current Capacity
logo
Unisonic Technologies
LR1106 UTC-LR1106_17 Datasheet
869Kb / 17P
LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
Murata Manufacturing Co...
BNX027H01 MURATA1-BNX027H01_V01 Datasheet
319Kb / 4P
Supporting large current (20A)
08/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com