Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1107G-XX-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1107G-XX-AF5-R
Description  600mA FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1107G-XX-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1107G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1107G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1107G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1107G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1107G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1107G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LR1107/E
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R102-033.H
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-223
15 :1.5V
18:1.8V
25:2.5V
28:2.8V
2J:2.85V
33:3.3V
LR1107
XX
Date Code
Voltage Code
L: Lead Free
G: Halogen Free
12
3
Pin Code
SOT-23
ESXX
Voltage Code
L: Lead Free
G: Halogen Free
3
21
SOT-25
3
2
1
ESXX□
5
4
Voltage Code
L: Lead Free
G: Halogen Free
SOT-89
XX
LR1107
Date Code
Voltage Code
L: Lead Free
G: Halogen Free
12
3
Pin Code
PIN CONFIGURATION
GND
VOUT
VIN
ERROR
SD
1
23
4
5
GND
VOUT
VIN
SET/ADJ
SD
1
23
4
5
SOT-25 (for LR1107E)
SOT-25 (for LR1107)
SOT-23
PIN DESCRIPTION
PIN NAME
I/O
DESCRIPTION
VIN
Input supply
GND
Ground
SD
I
Shutdown LR1107/E enable; when the SD pin connects to GND will shutdown the
LR1107/E
; At normal operation, SD must be tied to VDD through a 10KΩ pull up resistor.
ERROR
(for LR1107E)
O
Error flag, active low; when the output dropout of regulation due to low input voltage, the
LR1107E
produces a logic low signal at the ERROR pin.
SET/ADJ
(for LR1107)
O
Voltage-Setting Input. Connect an external resistive voltage-divider from VOUT to this pin to
set the output voltage.
VOUT
O
Output voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com