Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1107G-XX-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1107G-XX-AF5-R
Description  600mA FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1107G-XX-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1107G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1107G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1107G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1107G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1107G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1107G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LR1107/E
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R102-033.H
ABSOLUTE MAXIMUM RATINGS (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage (Operating), (Note 10)
VIN
2.5~7.0
V
Input Voltage (Survival)
-0.3~+7.5
V
Shutdown Input Voltage
VI(SHDN)
-0.3~VIN+0.3
V
Output Voltage (Survival), (Note 4, 5)
VOUT
-0.3~+7.5
V
IOUT (Survival)
Short Circuit Protected
Maximum Voltage for ERROR , SET/ADJ Pin
VIN+0.3
V
Maximum Operating Current (DC)
600
mA
Power Dissipation (Note 2)
PD
Internally Limited
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40~+125
°C
Storage Temperature
TSTG
-65~+150
°C
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature
range. (TJ = 25°C, VIN = VO(NOM) + 1V, IL = 10 mA, COUT = 22μF, VSD = VIN-0.3V, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note 3)
MAX
UNIT
Output Voltage Tolerance (Note 6)
VOUT
0 mA ≤ IL ≤ 600mA
VOUT +1≤ VIN≤ 7.0V
-1.5
-3
0
+1.5
+3
%
Output Voltage Line Regulation (Note 6)
OUT
OUT
V
V
Δ
VOUT+1V<VIN<7.0V
0.725
%
Output Voltage Load Regulation (Note 6)
10 mA < IL < 600mA
0.68
%
Dropout Voltage (Note 8)
VD
IL = 600mA
300
500
mV
Ground Pin Current In Normal Operation
Mode
IGND1
IL = 0 mA
200
μA
IL = 600mA
300
Ground Pin Current In Shutdown Mode
IGND2
VSD≤0.2V (Note 9)
0.02
5
μA
Peak Output Current
IO(PEAK)
(Note 2)
600
800
mA
SHORT CIRCUIT PROTECTION
Short Circuit Current
ISC
2
A
OVER TEMPERATURE PROTECTION
Shutdown Threshold
TSHDN(THR)
165
°C
Thermal Shutdown Hysteresis
TSHDN(HYS)
10
°C
SHUTDOWN INPUT
Shutdown Threshold
VSHDN
Output = High
VIN-0.3
VIN
V
Output = Low
0
0.2
V
Turn-off Delay
tD(OFF)
IL = 600mA
20
μs
Turn-on Delay
tD(ON)
IL = 600mA
60
μs
SD Input Current
ISD
VSD = VIN
1
nA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com