Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1122BG-XX-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LR1122BG-XX-AF5-R
Description  LOW NOISE 200 mA LDO REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1122BG-XX-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button LR1122BG-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LR1122B
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R502-320.B
ELECTRICAL CHARACTERISTICS(Cont.)
LR1122B-2.85V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN = Set VOUT+1V
2.834
2.866
V
Input Voltage (Note)
VIN
5.0
V
Load Regulation
OUT
OUT
ΔI
ΔV
1mA≤IOUT≤150mA
20
40
mV
Output Current
IOUT
200
mA
Supply Current
ISS
I OUT=0A
18
25
µA
Supply Current (Standby)
IST-BY
VCE=0V
0.1
2
µA
Short Current Limit
ILIMIT
VOUT=0V
40
mA
CE Pull-down Current
IPD
0.3
µA
High
VCEH
1.5
V
CE Input Voltage
Low
VCEL
0.3
V
Output Noise
eN
BW=10Hz to 100kHz, IOUT =30mA
30
µVrms
Ripple Rejection
RR
f=1kHz, Ripple 0.2VP-P
VIN=Set VOUT+1V, IOUT=30mA
(In case that V OUT=2.0V, VIN=3V)
75
dB
Dropout Voltage
VD
I OUT=150mA
0.13
0.23
V
Line Regulation
IN
OUT
ΔV
ΔV
Set VOUT+0.5V≤VIN≤5V
0.02
0.10
%/V
Output Voltage Temperature
Coefficient
ΔT
ΔVOUT
-40°С≤TOPR≤85°С
±30
ppm/°С
LR1122B-3.0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN = Set VOUT+1V
2.984
3.016
V
Input Voltage (Note)
VIN
5.0
V
Load Regulation
OUT
OUT
ΔI
ΔV
1mA≤IOUT≤150mA
20
40
mV
Output Current
IOUT
200
mA
Supply Current
ISS
I OUT=0A
18
25
µA
Supply Current (Standby)
IST-BY
VCE=0V
0.1
2
µA
Short Current Limit
ILIMIT
VOUT=0V
40
mA
CE Pull-down Current
IPD
0.3
µA
High
VCEH
1.5
V
CE Input Voltage
Low
VCEL
0.3
V
Output Noise
eN
BW=10Hz to 100kHz, IOUT =30mA
30
µVrms
Ripple Rejection
RR
f=1kHz, Ripple 0.2VP-P
VIN=Set VOUT+1V, IOUT=30mA
(In case that V OUT=2.0V, VIN=3V)
75
dB
Dropout Voltage
VD
I OUT=150mA
0.13
0.23
V
Line Regulation
IN
OUT
ΔV
ΔV
Set VOUT+0.5V≤VIN≤5V
0.02
0.10
%/V
Output Voltage Temperature
Coefficient
ΔT
ΔVOUT
-40°С≤TOPR≤85°С
±30
ppm/°С



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com