Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1122BG-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1122BG-XX-AF5-R
Description  LOW NOISE 200 mA LDO REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1122BG-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1122BG-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1122BG-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1122B
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-320.B
LOW NOISE 200 mA LDO
REGULATOR
DESCRIPTION
The UTC LR1122B is a typical LDO (linear regulator) with the
features of High output voltage accuracy, low supply current, low
ON-resistance, and high ripple rejection.
During operation of the UTC LR1122B, the dropout voltage is
very low and the response of line transient and load transient are very
well.
Internally, there’re many functions of UTC LR1122B which can be
seen in the block figure. There are a voltage reference unit, an error
amplifier, resistor-net for voltage setting, a current limit circuit, and a
chip enable circuit in each UTC LR1122B.
The UTC LR1122B can be used as an ideal of the power supply
for hand-held communication equipment, such as: power source for
portable communication equipment, power source for electrical
appliances, for example, cameras, VCRs and camcorders and power
source for battery-powered equipment.
FEATURES
*Ultra Supply Current: 18µA (Typ.)
*Standby Mode: 0.1µA (Typ.)
*Very Low Dropout Voltage: 0.13V (Typ.) @IOUT =150mA, VOUT =2.85V
*Ripple Rejection: 75dB (Typ.) @f=1kHz,VOUT=2.85V
*Temperature-Drift Coefficient of Output Voltage: ±30ppm/°C (Typ.)
*Well Line Regulation: 0.02%/ V (Typ.)
*Output Voltage Accuracy: ±0.8% (Typ.)
*Internal Fold Back Protection Circuit: 40mA (Typ.) @ short mode
*CIN=COUT=1µF or more (Ceramic capacitors) are Recommended to be used with this IC
ORDERING INFORMATION
Ordering Number
Package
Packing
LR1122BG-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR1122BG-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122DG-12-AB3 UTC-LR1122DG-12-AB3 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122DG-12-AE5 UTC-LR1122DG-12-AE5 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122DG-12-AF5 UTC-LR1122DG-12-AF5 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
More results

Similar Description - LR1122BG-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
Analog Devices
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
9/2020-Rev. E to Rev. F
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7142 AD-ADP7142 Datasheet
1Mb / 23P
40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. H
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
150 mA Low-Noise LDO Regulator
09/14/21
MIC5207 MICROCHIP-MIC5207 Datasheet
2Mb / 24P
180 mA Low-Noise LDO Regulator
09/14/21
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
500 mA Low-Noise LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com