Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXXLD50G-SH2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LXXLD50G-SH2-R
Description  0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LXXLD50G-SH2-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button LXXLD50G-SH2-R Datasheet HTML 2Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 3Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 4Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 5Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 6Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 7Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 8Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 9Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LXXLD50
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R502-474.B
FUNCTIONAL DESCRIPTION
Power-On-Reset
A POR (Power-On-Reset) circuit is designed to monitor the two supply voltages at VCNTL pin and VIN pin to
avoid the unexpected operations. During powering on process, the POR circuit would initiate a soft-start process
after the two supply voltages above their rising POR threshold voltages. The POR function also pulls low the POK pin
regardless the output voltage when the voltage at VCNTL pin drops below its falling POR threshold.
Internal Soft-Start
The built-in soft-start circuit controls rise rate of the output voltage to limit the current surge at start-up. The
soft-start interval is approximately 1.2mS (TYP.).
Output Voltage Regulation
The error amplifier compares a temperature-compensated 0.8V reference with the feedback voltage, which is
characterized with high bandwidth and DC gain to provide fast transient response and less load regulation.
The output voltage can be adjusted by an output NMOS to get the preset voltage. The difference which is
amplified by the error amplifier provides load current from VIN pin to VOUT pin.
Current-Limit
The current-limit protection circuit is used to protect this device against the maximum current, which occurs in
overload or short-circuit conditions. For the UTC LXXLD50, the current is monitored through the output NMOS.
Under-Voltage Protection (UVP)
The UTC LXXLD50 monitors the voltage on internal feed back signal after soft-start process is finished. Thus,
the Under-Voltage circuit is inactive during soft-start. When the voltage on FB signal goes below the under-voltage
threshold, the UVP circuit shuts off the output immediately. Last for a period, this device starts a new soft-start to
regulate output.
Over-Voltage Protection (OVP)
The UTC LXXLD50 monitors the output voltage. When the voltage on VOUT pin goes high beyond normal
regulation voltage by 25%, the OVP circuit shuts off the output immediately. After a while, the LXXLD50 starts a new
soft-start to regulate output.
Thermal Shutdown
The thermal shutdown protection circuit is designed to prevent the junction temperature beyond a certain value.
If the junction temperature becomes higher than +150°C, the output NMOS is turned off through a thermal sensor,
allowing the device to cool down. The regulator regulates the output again through initiation of a new soft-start cycle
after the junction temperature cools by 25°C, resulting in a pulsed output during continuous thermal overload
conditions.
The average junction temperature is reduced by the 25°C hysteresis during continuous thermal overload
conditions, making this device use longer. Also, the power dissipation should be externally limited to ensure junction
temperature under +125°C during normal operation.
Enable Control
If the EN pin is applied to a logic low signal (VEN< 0.3V), the output would be shut down. Following a shutdown,
a logic high signal re-enables the output through initiation of a new soft-start cycle. Left open, this pin is pulled up by
an internal current source (10μA Typical) to enable operation. For a low cost-effectiveness, an external transistor is
not required.
Power-OK and Delay
For the UTC LXXLD50, the Power-OK circuit indicates the status of the output voltage by monitoring the
internal feedback voltage (VFB). When the feedback voltage becomes equal to the rising Power-OK threshold (VPOK),
an internal delay function starts to perform a delay time. At the end of the delay time, the IC shuts off the internal
NMOS of the POK to indicate the output is OK. When the feedback voltage becomes equal to the falling Power-OK
threshold (VPNOK), the IC immediately turns on the NMOS of the POK to indicate the output is not OK without a delay
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com