Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXXLD50G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LXXLD50G-SH2-R
Description  0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LXXLD50G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LXXLD50G-SH2-R Datasheet HTML 1Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 2Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 3Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 4Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 5Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 6Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 7Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 8Page - Unisonic Technologies LXXLD50G-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LXXLD50
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-474.B
0.8V REFERENCE ULTRA LOW
DROPOUT LINEAR REGULATOR
DESCRIPTION
The UTC LXXLD50 is a 5A ultra low dropout linear regulator
providing designers with well supply voltage for applications of NB and
front-side-bus termination on motherboards.
A control voltage for the circuitry and a main supply voltage for
power conversion are needed as supply voltages to reduce power
dissipation and provide extremely low dropout.
The UTC LXXLD50 contains some function circuits. A Power-On-
Reset (POR) circuit monitors both supply voltages to prevent undesired
operations. A thermal shutdown and current limit circuits prevent this
device from being damaged due to thermal and current over-loads. A
POK indicates the output status with a pre-set time delay. It can control
other converter for power sequence. The UTC LXXLD50 can be
enabled by other power system. Pulling and holding the EN pin below 0.3V shuts off the output.
The UTC LXXLD50 is ideal for applications,such as front side bus VTT (1.2V/5A), note book PC applications,
and motherboard applications.
FEATURES
* Low Dropout VD=0.2V(Typ.)@ IOUT=5A
*
Low ESR Output Capacitor
*
VREF=0.8V
*
High Output Accuracy : ±1.5% Over Line, Load and Temperature
*
Fast Transient Response
* 1.2V, 1.5V, 1.8V, 2.5V Output Options by Connecting ADJ to GND and Output Voltage can be Adjusted by External Resistors
*
Power-On-Reset Monitoring both Supply Voltages ( VCNTL and VIN Pins)
*
Protection function: Internal Soft-Start
Current-Limit Protection
Under-Voltage Protection
Thermal Shutdown with Hysteresis
Over-Voltage Protection
*
Power-OK Output with a Delay Time
*
Shutdown for Standby or Suspend Mode
*
Lead Free Available (RoHS Compliant)
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LXXLD50L-SH2-R
LXXLD50G-SH2-R
HSOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LXXLD50G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LXXLD50 UTC-LXXLD50 Datasheet
347Kb / 11P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD50 UTC-LXXLD50_16 Datasheet
347Kb / 11P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LXXLD50G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LADLD30 UTC-LADLD30 Datasheet
220Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70 Datasheet
230Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD10 UTC-LADLD10 Datasheet
252Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD20 UTC-LADLD20 Datasheet
254Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD15 UTC-LXXLD15_14 Datasheet
233Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD30 UTC-LXXLD30_16 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD50 UTC-LXXLD50_16 Datasheet
347Kb / 11P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD10 UTC-LXXLD10 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD20 UTC-LXXLD20 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70_V01 Datasheet
267Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com