Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXXLD70G-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LXXLD70G-SH2-R
Description  0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LXXLD70G-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LXXLD70G-SH2-R Datasheet HTML 1Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 2Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 3Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 4Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 5Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 6Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 7Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LXXLD70
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-674.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (VCNTL to GND)
VCNTL
-0.3 ~ +7
V
Supply Voltage (VIN to GND)
VIN
-0.3 ~ +3.9
V
EN and FB to GND
VI/O
-0.3 ~ VCNTL+0.3
V
POK to GND Voltage
VPOK
-0.3 ~ +7
V
Power Dissipation
PD
3
W
Lead Soldering Temperature, 10 Seconds
TSDR
260
°С
Junction Temperature
TJ
150
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient in Free Air (Note 1)
θJA
38
°C/W
Junction to Case (Note 2)
θJC
14
°C/W
Notes: 1. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
The exposed pad of HSOP-8 is soldered directly on the PCB.
2. The Thermal Pad Temperature is measured on the PCB copper area connected to the thermal pad of
package.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
VCNTL Supply Voltage
VCNTL
4.5 ~ 6
V
VIN Supply Voltage
VIN
1.0 ~ 3.5
V
Output Voltage , VCNTL=5.0±5%
VOUT
0.8 ~ VIN-0.2
V
Output Current
IOUT
0 ~ 7
A
Junction Temperature
TJ
+125
°С



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com