Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXXLD70G-SH2-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LXXLD70G-SH2-R
Description  0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LXXLD70G-SH2-R Datasheet(HTML) 7 Page - Unisonic Technologies

  LXXLD70G-SH2-R Datasheet HTML 1Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 2Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 3Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 4Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 5Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 6Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 7Page - Unisonic Technologies LXXLD70G-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LXXLD70
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-674.a
TYPICAL APPLICATION CIRCUITS
1. Using an Output Capacitor with ESR≥18mΩ
UTC
LXXLD70
POK
EN
Enable
POK
EN
GND
FB
VOUT
VOUT
VIN
VCNTL
R3=1kΩ
R2=3.2kΩ
R1=1kΩ
COUT=150µF
VOUT +1.05V/7.0A
VIN +1.25V
CCNTL=1µF
CIN=22µF
C1=33nF
(in the range of 12 ~ 48nF)
VCNTL +5V
1
2
4
3
5
6
7
8
2. Using an MLCC as the Output Capacitor
COUT (μF)
VOUT (V)
R1 (kΩ)
R2 (kΩ)
C1 (pF)
22
1.2
120
240
36
1.5
120
137.14
39
1.8
105
184
39
44
1.05
240
768
39
1.2
187
374
47
1.5
180
205.71
47
1.8
162
129.6
47



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com