Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2100L-P08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M2100L-P08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2100L-P08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  M2100L-P08-R Datasheet HTML 1Page - Unisonic Technologies M2100L-P08-R Datasheet HTML 2Page - Unisonic Technologies M2100L-P08-R Datasheet HTML 3Page - Unisonic Technologies M2100L-P08-R Datasheet HTML 4Page - Unisonic Technologies M2100L-P08-R Datasheet HTML 5Page - Unisonic Technologies M2100L-P08-R Datasheet HTML 6Page - Unisonic Technologies M2100L-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
M2100
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R105-011.C
TYPICAL CHARACTERISTICS
Total Harmonic Distortion vs.
Output Voltage
Output Voltage, VOUT (Vrms)
0.4
0.05
0.005
0.001
0.02 0.05 0.1
0.5
0.01
0.1
5
1
V+/V-=±3V, RL=4Ω,
Gain=10dB, Ta=25°С
20Hz
20kHz
1kHz
Equivalent Input Noise Voltage vs.
Source Resistance
Source Resistance, RS (Ω)
10
0.5
0.1
10
50 100
5
100k
5k
1
500 1k
10k 50k
V+/V+=±3V, JISA, Ta=25°С



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com