Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2100L-P08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # M2100L-P08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2100L-P08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  M2100L-P08-R Datasheet HTML 1Page - Unisonic Technologies M2100L-P08-R Datasheet HTML 2Page - Unisonic Technologies M2100L-P08-R Datasheet HTML 3Page - Unisonic Technologies M2100L-P08-R Datasheet HTML 4Page - Unisonic Technologies M2100L-P08-R Datasheet HTML 5Page - Unisonic Technologies M2100L-P08-R Datasheet HTML 6Page - Unisonic Technologies M2100L-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
M2100
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R105-011.C
TYPICAL CHARACTERISTICS(Cont.)
-50
0
100 125
1.0
Input Offset Voltage vs. Temperature
Ambient Temperature, Ta (°С)
75
50
25
-25
-2.0
-1.0
0
2.0
V+/V-=±2.5V
-50
0
100 125
120
Input Bias Current vs. Temperature
Ambient Temperature, Ta (°С)
75
50
25
-25
0
40
80
160
V+/V-=±2.5V
20
60
100
140
180
0
2
Maximum Output Voltage Swing vs.
Operating Voltage
Operating Voltage, V+/V- (V)
±1
-5
-3
0
5
4
3
1
-1
-2
-4
±2
±3
±4
±5
+VOM
-VOM
0
2
Operating Current vs. Operating
Voltage
Operating Voltage, V+/V- (V)
±1
0
6
4
3
1
±2
±3
±4
±5
Ta=25°С
5
RL=2.5kΩ, Ta=25°С



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com