Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7085G-SM1-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M7085G-SM1-R
Description  PFM STEP-DOWN DC-DC CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M7085G-SM1-R Datasheet(HTML) 3 Page - Unisonic Technologies

  M7085G-SM1-R Datasheet HTML 1Page - Unisonic Technologies M7085G-SM1-R Datasheet HTML 2Page - Unisonic Technologies M7085G-SM1-R Datasheet HTML 3Page - Unisonic Technologies M7085G-SM1-R Datasheet HTML 4Page - Unisonic Technologies M7085G-SM1-R Datasheet HTML 5Page - Unisonic Technologies M7085G-SM1-R Datasheet HTML 6Page - Unisonic Technologies M7085G-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
M7085
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-092, Ba
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
-0.3 ~ 36
V
PGATE Voltage
VPGATE
-0.3 ~ 36
V
FB Voltage
VFB
-0.3 ~ 5
V
ISENSE Voltage
VISNS
-1.0 ~ 36
V
ADJ Voltage
VADJ
-0.3 ~ 36
V
Power Dissipation (TA =25℃)
PD
400
mW
Junction Temperature
TJ
150
Storage Temperature
TSTG
-65 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
4.5 ~ 35
V
Operating Junction Temperature
TOPR
-40 ~ +125
ELECTRICAL CHARACTERISTICS
VIN = 12V, VISNS = VIN − 1V, and VADJ = VIN − 1.1V, Ta=25℃
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Feedback Voltage (Note 1)
VFB
1.224 1.240 1.256
V
1.215
1.265
Minimum Driver Voltage
VPGATE(MIN)
VIN = 4.5V VFB = 1.0V
IGATE = 100μA sink
1.15
V
Comparator Hysteresis
VHYS
10
16
mV
15
21
Current Limit Comparator Trip Voltage VCL (Note2)
RADJ = 20Ω
110
mV
RADJ = 160Ω
880
Current Limit Comparator Offset
VCL(OFF)
VFB = 1.5V
-20
0
+20
mV
Current Limit ADJ Current Source
ICL(ADJ)
VFB = 1.5V
3.0
5
7.0
µA
FB pin Bias Current (Note 3)
IFB
VFB = 1.0V
320
756
nA
Driver Output Current
Source
IPGATE
VIN = 7V, PGATE = 3.5V
0.4
A
Sink
VIN = 7V, PGATE = 3.5V
0.3
Driver Resistance
Source
RPGATE
ISOURCE = 100mA
5
Sink
ISINK = 100mA
8
Current Limit One Shot off Time
TCL
VADJ = 11.5V, VISNS = 11.0V,
VFB = 1.0V
5
8
13
µS
Minimum on Time in Normal Operation
TOPR(MIN)
VISNS = VADJ+0.1V, CLOAD on
OUT = 1000pF, (Note 4)
110
ns
Minimum on Time in Current Limit
TCL(MIN)
VISNS = VADJ+0.1V, VFB = 1.0V
CLOAD on OUT=1000pF (Note 4)
185
ns
Feedback Voltage Line Regulation
%VFB/V
IN 4.5 ≤ VIN ≤ 35V
0.010
%/V
Quiescent Current at Ground Pin
IQ
FB = 1.5V (Not Switching)
300
500
µA
Note: 1. The VFB is the trip voltage at the FB pin when PGATE switches from high to low.
2. VCL = ICL_ADJ * RADJ
3. Bias current flows out from the FB pin.
4. A 1000pF capacitor is connected between VIN and PGATE.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com