Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7085G-SM1-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # M7085G-SM1-R
Description  PFM STEP-DOWN DC-DC CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M7085G-SM1-R Datasheet(HTML) 7 Page - Unisonic Technologies

  M7085G-SM1-R Datasheet HTML 1Page - Unisonic Technologies M7085G-SM1-R Datasheet HTML 2Page - Unisonic Technologies M7085G-SM1-R Datasheet HTML 3Page - Unisonic Technologies M7085G-SM1-R Datasheet HTML 4Page - Unisonic Technologies M7085G-SM1-R Datasheet HTML 5Page - Unisonic Technologies M7085G-SM1-R Datasheet HTML 6Page - Unisonic Technologies M7085G-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
M7085
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-092, Ba
APPLICATION INFORMATION(Cont.)
P-Channel MOSFET Selection(Q1)
An external P-Channel power MOSFET must be used the UTC M7085 key selection criteria for the power for the
P-Channel are the maximum Drain-Source voltage (VDS) MOSFET are the gate threshold, VGS, the “ON” resistance,
RDS(ON) and its total gate charge.
The voltage across the PFET when it is turned off is equal to the sum of the input voltage and the diode forward
voltage. The VDS must be selected to provide some margin beyond the input voltage.
RDS(ON)determines the conduction losses for each switching cycle, the lower the ON resistance, the higher the
efficiency can be chivied.
A power MOSFET with lower gate charge can give lower switching losses but the fast transient can cause
unwanted EMI to the system. Compromise in between is required during the design stage. Keeping the gate
capacitance below 2000pF is recommended.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com