Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62364G-R24-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M62364G-R24-R
Description  8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M62364G-R24-R Datasheet(HTML) 2 Page - Unisonic Technologies

  M62364G-R24-R Datasheet HTML 1Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 2Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 3Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 4Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 5Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 6Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 7Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M62364
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-008.B
PIN CONFIGURATION (TOP VIEW)
1
12
11
10
9
8
7
6
5
4
3
2
13
14
15
16
17
18
19
20
21
22
23
24
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
VOUT8
VDA(REF)
RESET
GND
DIN
CLK
LD
VDD
DOUT
EXPLANATION OF TERMINALS
PIN NO
SYMBOL
FUNCTION
8
DIN
Serial data input
17
DOUT
Serial data output
7
CLK
Shift clock input. Input data of DIN are taken into the 12-bit shift register on a rising edge of
the clock
6
LD
A low state enables data loading to the 12-bit shift register. During a rising edge of LD, the
data will be loaded to the output register
19
RESET
Reset 8-bit latches
2
VOUT1
D/A Converter Output with8-bit resolution
3
VOUT2
10
VOUT3
11
VOUT4
14
VOUT5
15
VOUT6
22
VOUT7
23
VOUT8
5
VDD
Power Supply
20
GND
Ground
1
VIN1
D/A Converter Input
4
VIN2
9
VIN3
12
VIN4
13
VIN5
16
VIN6
21
VIN7
24
VIN8
18
VDA(REF)
D/A Converter Reference Voltage Input



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com