Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62364G-R24-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M62364G-R24-R
Description  8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M62364G-R24-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M62364G-R24-R Datasheet HTML 1Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 2Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 3Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 4Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 5Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 6Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 7Page - Unisonic Technologies M62364G-R24-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
M62364
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-008.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ +7.0
V
Digital Input Voltage
VIND
-0.3 ~ +7.0
V
Analog Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Analog Output Voltage
VOUT
-0.3 ~ VDD+0.3
V
D-A Reference Voltage
VDA(REF)
-0.3 ~ VDD+0.3
V
Operating Temperature
TOPR
-20 ~ +75
°C
Storage Temperature
TSTG
-40 ~ +125
°C
ELECTRICAL CHARACTERISTICS
(VDD=5V±10%, VDD≥VIN, GND, VDA(REF) =0V, TA= -20 ~ 85°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDUCTION
MIN
TYP
MAX
UNIT
ANA/DIG COMMON PART
Supply Voltage
VDD
2.7
3.0
3.6
V
Supply Current
IDD
CLK=1MHz, VCC=3V, IAO=0μA
3.5
mA
Digital Part
Digital Input “Low” Voltage
IIL
0.2 VDD
V
Digital Input “High” Voltage
IIH
0.8VDD
V
DOUT Terminal Output “Low” Voltage
VOL
IOL=2.5mA
0.4
V
DOUT Terminal Output “High” Voltage
VOH
IOH= -400μA
VDD-0.4
V
Input Leak Current
IILK
VIN=0 ~VDD
-10
10
μA
ANALOG PART
Buffer Amplifier Output Voltage Range
VAO
IAO= ±100μA
0.1
VCC-0.1
V
IAO= ±500μA
0.2
VCC-0.2
Input Current
IIN
VIN=3V, VDA(REF) =0V,
* Proportional to max. input
current condition (VIN- VDA(REF))
and digital data of each channels.
0.18
mA
D-A Reference Input Current
IDA(REF)
VIN=3V, VDA(REF) =0V,
* Proportional to max. input
current condition
(VIN - VDA(REF)) and digital data of
each channels
-1.44
mA
Buffer Amplifier Output Current Range
IAO
Upper Saturation Voltage=0.4V
Lower Saturation Voltage=0.4V
-1
1
mA
Buffer Amplifier Output Impedance
RO
5
Ω
Resolution
RES
VDD=2.61V,VDA(REF) =0.050V
(10mV/1LSB)
Without Load(IAO= ±0)
8
bit
Differential Nonlinearity
DNL
-1
1
LSB
Nonlinearity
NL
-1.5
1.5
LSB
Output Capacitative Load
CO
0.1
μF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com