Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62364G-R24-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M62364G-R24-T
Description  8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M62364G-R24-T Datasheet(HTML) 5 Page - Unisonic Technologies

  M62364G-R24-T Datasheet HTML 1Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 2Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 3Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 4Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 5Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 6Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 7Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
M62364
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-008.B
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDUCTION
MIN
TYP
MAX UNIT
AC CHARACTERISTICS
Clock “L” Pulse Width
tCKL
200
ns
Clock “H” Pulse Width
tCKH
200
ns
Clock Rise Time
tCR
200
ns
Clock Fall Time
tCF
Data Set Up Time
tDCH
60
ns
Data Hold Time
tCHD
100
ns
LD Set Up Time
tCHL
200
ns
LD Hold Time
tLDC
100
ns
LD “H” Pulse Duration Time
tLDH
100
ns
Data Output Delay Time
tDOUT
CL=100pF
70
350
ns
D-A Output Setting Time
tLDD
CL≤100pF,VAO : 0.1<=>2.6V
This
Time
Until
The
Output
Becomes
The final Value Of 1/2 LSB
300
μs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com