Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62364G-R24-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M62364G-R24-T
Description  8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M62364G-R24-T Datasheet(HTML) 1 Page - Unisonic Technologies

  M62364G-R24-T Datasheet HTML 1Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 2Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 3Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 4Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 5Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 6Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 7Page - Unisonic Technologies M62364G-R24-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO.,
M62364
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co.,
QW-R502-008.B
8-BIT 8-CH MULTIPLYING
D-A CONVERTER WITH
BUFFER AMPLIFIERS
DESCRIPTION
The UTC M62364 is a CMOS 8-bit, 8-ch D/A converter
having a multiplying function and output buffer amplifiers. It
has a serial data input and can easily communicate with a
microcontroller by the simple three-wiring method (DIN, CLK,
LD).
The output buffer amplifiers operating in AB-class has both
sinking and driving capabilities of 1.0mA or more and can
operate in a whole supply range from VDD to GND.
The IC is suitable for a use in automatic adjustment
applications in conjunction with a MCU by utilizing the
terminal Do for a cascading connection.
FEATURES
*Three-wiring serial data transmission
*Doubled precision 8-ch D/A converter employing an R-2R
with higher-order segment method
*8 buffer amplifiers operating in a whole supply voltage range
from VDD to GND
*4-quadrant multiplication
SSOP-24 (209mil)
SOP-24
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
M62364L-R24-R
M62364G-R24-R
SSOP-24
Tape Reel
M62364L-R24-T
M62364G-R24-T
SSOP-24
Tube
M62364L-S24-R
M62364G-S24-R
SOP-24
Tape Reel
M62364L-S24-T
M62364G-S24-T
SOP-24
Tube


Similar Part No. - M62364G-R24-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M62364G-R24-R UTC-M62364G-R24-R Datasheet
229Kb / 8P
8-BIT 8-CH MULTIPLYING D-A CONVERTER
More results

Similar Description - M62364G-R24-T

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62364FP MITSUBISHI-M62364FP Datasheet
41Kb / 6P
8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
M62381FP MITSUBISHI-M62381FP Datasheet
48Kb / 5P
8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Unisonic Technologies
M62364 UTC-M62364 Datasheet
200Kb / 8P
8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62364FP RENESAS-M62364FP Datasheet
109Kb / 8P
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62381FP RENESAS-M62381FP Datasheet
1Mb / 6P
8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
M62364FP RENESAS-M62364FP_09 Datasheet
124Kb / 9P
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
R2A20178NP RENESAS-R2A20178NP Datasheet
182Kb / 8P
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
R2A20178NP RENESAS-R2A20178NP_15 Datasheet
182Kb / 8P
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FPGP RENESAS-M62364FPGP_15 Datasheet
139Kb / 11P
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
8-BIT 8-CH MULTIPLYING D-A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com