Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA05L-AL3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBTA05L-AL3-R
Description  NPN MMBTA05
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA05L-AL3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBTA05L-AL3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA05L-AL3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA05L-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBTA05
Preliminary
AMPLIFIER TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-099.a
ABSOLUTE MAXIMUM RATING (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
60
V
Emitter-base voltage
VEBO
4
V
Collector current - Continuous
IC
500
mA
Power Dissipation, @TA=25℃
PD
150
mW
Junction Temperature
TJ
125
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
junction to ambient (Note)
θJA
833
℃
/W
junction to case
θJC
347
℃
/W
Note: θJA is measured with the device soldered into a typical printed circuit board.
ELECTRICAL CHARACTERISTICS (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Collector-emitter breakdown voltage
V(BR)CEO IC=1.0mA, IB=0(Note 1)
60
V
Emitter-base breakdown voltage
V(BR)EBO IE=100μA, Ic=0
4
V
Collector cutoff current
ICEO
VCE=60V, IB=0
0.1
μA
Collector cutoff current
ICBO
VCB=60V, IE=0
0.1
μA
ON CHARACTERISTICS
DC current gain
hFE
IC=10mA, VCE=1V
IC=100mA, VCE=1V
100
100
Collector-emitter saturation voltage
VCE(SAT) IC=100mA, IB=10mA
0.25
V
Base-emitter on voltage
VBE(ON)
IC=100mA, VCE=1V
1.2
V
SMALL-SIGNAL CHARACTERISTICS
Current gain bandwidth product
fT
IC=10mA, VCE=2V, f=100MHz(Note 2)
100
MHz
Note 1. Pulse test: PW<=300
μs, Duty Cycle<=2%
2. fT is defined as the frequency at which IhfeI extrapolates to unity.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com