Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA05L-AL3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBTA05L-AL3-R
Description  NPN MMBTA05
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA05L-AL3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBTA05L-AL3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA05L-AL3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA05L-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBTA05
Preliminary
AMPLIFIER TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., LTD
QW-R206-099.a
NPN MMBTA05
FEATURES
* Collector-Emitter Voltage: VCEO=60V
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
MMBTA05L-AL3-R
MMBTA05G-AL3-R
SOT-323
B
E
C
Tape Reel
Note: Pin assignment: E: EMITTER, C: COLLECTOR, B: BASE
MARKING


Similar Part No. - MMBTA05L-AL3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA05L ONSEMI-MMBTA05L Datasheet
104Kb / 6P
Driver Transistors
October, 2016 ??Rev. 10
logo
AiT Semiconductor Inc.
MMBTA05L AITSEMI-MMBTA05L Datasheet
411Kb / 5P
GENERAL PURPOSE TRANSISTORS DRIVER TRANSISTORS
REV1.1
logo
Motorola, Inc
MMBTA05LT1 MOTOROLA-MMBTA05LT1 Datasheet
82Kb / 4P
Driver Transistors
logo
ON Semiconductor
MMBTA05LT1 ONSEMI-MMBTA05LT1 Datasheet
73Kb / 8P
Driver Transistors(NPN Silicon)
May, 2002 ??Rev. 2
logo
Leshan Radio Company
MMBTA05LT1 LRC-MMBTA05LT1 Datasheet
51Kb / 2P
Driver Transistors(NPN Silicon)
More results

Similar Description - MMBTA05L-AL3-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S9018-G MCC-S9018-G Datasheet
222Kb / 2P
NPN Silicon NPN Silicon
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Unisonic Technologies
MMBTA05 UTC-MMBTA05_15 Datasheet
184Kb / 3P
NPN MMBTA05
logo
Jiangsu Changjiang Elec...
2SC4944 JIANGSU-2SC4944 Datasheet
676Kb / 3P
DUALTRANSISTOR (NPN NPN )
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com