Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA44-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBTA44-AE3-R
Description  HIGH VOLTAGE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA44-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBTA44-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA44-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA44-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA44-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBTA44/45
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2010 Unisonic Technologies Co., Ltd.
QW-R206-007.E
HIGH VOLTAGE TRANSISTORS
FEATURES
*Collector-Emitter voltage: VCEO=400V (UTC MMBTA44)
VCEO=350V (UTC MMBTA45)
*Collector current up to 300mA
*Complement to UTC MMBTA94/93
*Power Dissipation: PD(max)=350mW
Lead-free:
MMBTA44L/MMBTA45L
Halogen-free: MMBTA44G/MMBTA45G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Halogen Free
Package
1
2
3
Packing
MMBTA44-AE3-R
MMBTA44L-AE3-R
MMBTA44G-AE3-R
SOT-23
E
B
C
Tape Reel
MMBTA45-AE3-R
MMBTA45L-AE3-R
MMBTA45G-AE3-R
SOT-23
E
B
C
Tape Reel
MARKINGS
MMBTA44
MMBTA45
3D
L: Lead Free
G: Halogen Free
35
L: Lead Free
G: Halogen Free


Similar Part No. - MMBTA44-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTA44-AE3-R UTC-MMBTA44-AE3-R Datasheet
78Kb / 5P
HIGH VOLTAGE TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - MMBTA44-AE3-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
High Voltage Transistors
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
High Voltage Transistors
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
High Voltage Transistors
September, 2010 -- Rev. 7
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
High Voltage Transistors
October, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com