Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT2227G-AL6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMDT2227G-AL6-R
Description  NPN & PNP GENERAL PURPOSE AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMDT2227G-AL6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MMDT2227G-AL6-R Datasheet HTML 1Page - Unisonic Technologies MMDT2227G-AL6-R Datasheet HTML 2Page - Unisonic Technologies MMDT2227G-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MMDT2227
Preliminary
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R218-019.a
ELECTRICAL CHARACTERISTICS (TA =25°C unless otherwise specified)
TR2
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO IC=-10mA, IB=0 (Note)
-30
V
Collector-Base Breakdown Voltage
V(BR)CBO IC=-10 µA, IE=0
-60
V
Emitter-Base Breakdown Voltage
V(BR)EBO IE=-10µA, IC=0
-5.0
V
Collector Cutoff Current
ICBO
VCB= -50V, IE=0
-30
nA
Emitter Cutoff Current
IEBO
VEB=-3.0V, IC=0
-30
nA
ON CHARACTERISTICS
DC Current Gain
hFE
IC=-1.0mA, VCE=-10V
-50
IC=-10mA, VCE=-10V
-75
IC=-150mA, VCE= -1V (Note)
-100
IC=-300mA, VCE=-10V (Note)
-30
Collector-Emitter Saturation Voltage (Note)
VCE(SAT)
IC=-150mA, IB=-15mA
-0.4
V
IC=-300mA, IB=-30mA
-1.4
V
Base-Emitter Saturation Voltage (Note)
VBE(SAT)
IC=-150mA, IB=-15mA
-1.3
V
SMALL SIGNAL CHARACTERISTICS
Current Gain - Bandwidth Product
fT
IC= -50mA,VCE=-20V,f =100MHz
250
MHz
Output Capacitance
COBO
VCB=-10V, IE=0, f=100 kHz
4.0
pF
Input Capacitance
CIBO
VEB=-2.0V, IC=0, f=100 kHz
12
pF
Noise Figure
NF
IC=-100µA, VCE=-10V,
RS=-1.0kΩ, f =1.0kHz
2.0
dB
Note: Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2.0%
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com