Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT2227G-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMDT2227G-AL6-R
Description  NPN & PNP GENERAL PURPOSE AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMDT2227G-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMDT2227G-AL6-R Datasheet HTML 1Page - Unisonic Technologies MMDT2227G-AL6-R Datasheet HTML 2Page - Unisonic Technologies MMDT2227G-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMDT2227
Preliminary
DUAL TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R218-019.a
NPN & PNP GENERAL
PURPOSE AMPLIFIER
DESCRIPTION
The UTC MMDT2227 is an NPN & PNP general purpose amplifier.
it’s suitable for a medium power amplifier and switch requiring
collector currents up to 500mA.
FEATURES
* Low VCE(SAT), VCE(SAT)=0.4V (typ.)@IC /IB=150mA/15mA,
VCE(SAT)=1.4V (typ.) @IC/IB = 300mA/30mA
* High collector current gain under high collector current condition
EQUIVALENT CIRCUIT
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
MMDT2227L-AL6-R
MMDT2227G-AL6-R
SOT-363
E1
B1
C2
E2
B2
C1
Tape Reel
MARKING


Similar Part No. - MMDT2227G-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMDT2227G-AL6-R UTC-MMDT2227G-AL6-R Datasheet
185Kb / 5P
NPN & PNP GENERAL PURPOSE AMPLIFIER
More results

Similar Description - MMDT2227G-AL6-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
FFB2227A FAIRCHILD-FFB2227A Datasheet
43Kb / 3P
NPN & PNP General Purpose Amplifier
FFB3946 FAIRCHILD-FFB3946 Datasheet
42Kb / 3P
NPN & PNP General Purpose Amplifier
MMPQ6502 FAIRCHILD-MMPQ6502 Datasheet
195Kb / 6P
Quad NPN & PNP General Purpose Amplifier
MMPQ6700 FAIRCHILD-MMPQ6700 Datasheet
185Kb / 6P
Quad NPN & PNP General Purpose Amplifier
logo
Unisonic Technologies
MMDT2227 UTC-MMDT2227_15 Datasheet
185Kb / 5P
NPN & PNP GENERAL PURPOSE AMPLIFIER
MMDT2907A UTC-MMDT2907A Datasheet
137Kb / 4P
NPN & PNP GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
FFB2227A ONSEMI-FFB2227A Datasheet
316Kb / 6P
NPN & PNP General-Purpose Amplifier
November-2017, Rev. 2 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com