Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N65G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 10N65G-TQ2-R
Description  10A, 650V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N65G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  10N65G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 10N65G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 10N65G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 10N65G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 10N65G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 10N65G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 10N65G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 10N65G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
10N65
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-588.C
10A, 650V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 10N65 is a high voltage and high current power MOSFET,
designed to have better characteristics, such as fast switching time, low
gate charge, low on-state resistance and a high rugged avalanche
characteristics. This power MOSFET is usually used at high speed
switching applications in power supplies, PWM motor controls, high
efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) =0.86Ω@VGS =10V
* Low gate charge ( typical 44 nC)
* Low Crss ( typical 18 pF)
* Fast switching
* 100% avalanche tested
* Improved dv/dt capability
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
1
TO-220F1
TO-263
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
10N65L-TA3-T
10N65G-TA3-T
TO-220
G
D
S
Tube
10N65L-TF1-T
10N65G-TF1-T
TO-220F1
G
D
S
Tube
10N65L-TF3-T
10N65G-TF3-T
TO-220F
G
D
S
Tube
10N65L-TQ2-R
10N65G-TQ2-R
TO-263
G
D
S
Tape Reel
10N65L-TQ2-T
10N65G-TQ2-T
TO-263
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 10N65G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N65G-TQ2-R UTC-10N65G-TQ2-R Datasheet
396Kb / 9P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results

Similar Description - 10N65G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H10N65 HSMC-H10N65 Datasheet
177Kb / 6P
N-Channel Power MOSFET (650V,10A)
logo
Alpha & Omega Semicondu...
AOT10N65 AOSMD-AOT10N65 Datasheet
214Kb / 6P
650V,10A N-Channel MOSFET
AOW10N65 AOSMD-AOW10N65 Datasheet
347Kb / 6P
650V,10A N-Channel MOSFET
logo
Unisonic Technologies
U74AUP1G07 UTC-U74AUP1G07 Datasheet
208Kb / 6P
10A, 650V N-CHANNEL POWER MOSFET
10N65K UTC-10N65K Datasheet
233Kb / 6P
10A, 650V N-CHANNEL POWER MOSFET
10N65T UTC-10N65T Datasheet
217Kb / 6P
10A, 650V N-CHANNEL POWER MOSFET
10N65Z UTC-10N65Z Datasheet
208Kb / 6P
10A, 650V N-CHANNEL POWER MOSFET
logo
Central Semiconductor C...
PB_CDM22010-1509 CENTRAL-PB_CDM22010-1509 Datasheet
1Mb / 2P
650V, 10A N-Channel Power MOSFET
logo
Nanjing International G...
NJ10N65 DGNJDZ-NJ10N65 Datasheet
853Kb / 7P
10A 650V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com