Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT3946L-AL6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MMDT3946L-AL6-R
Description  COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMDT3946L-AL6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MMDT3946L-AL6-R Datasheet HTML 1Page - Unisonic Technologies MMDT3946L-AL6-R Datasheet HTML 2Page - Unisonic Technologies MMDT3946L-AL6-R Datasheet HTML 3Page - Unisonic Technologies MMDT3946L-AL6-R Datasheet HTML 4Page - Unisonic Technologies MMDT3946L-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMDT3946
Preliminary
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R218-015.a
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
TR1(PNP)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
(Note 1)
Collector-Base Breakdown Voltage
V(BR)CBO IC=-10μA, IE=0
-40
V
Collector-Emitter Breakdown Voltage
V(BR)CEO IC=-1.0mA, IB=0
-40
V
Emitter-Base Breakdown Voltage
V(BR)EBO IE=-10μA, IC=0
-5.0
V
Collector Cutoff Current
ICEX
VCE=-30V, VEB(OFF)=-3.0V
-50
nA
Base Cutoff Current
IBL
VCE=-30V, VEB(OFF)=-3.0V
-50
nA
ON CHARACTERISTICS
(Note 1)
IC=-100µA, VCE=-1.0V
60
IC=-1.0mA, VCE=-1.0V
80
IC=-10mA, VCE=-1.0V
100
300
IC=-50mA, VCE=-1.0V
60
DC Current Gain
hEF
IC=-100mA, VCE=-1.0V
30
IC=-10mA, IB=-1.0mA
-0.25
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-50mA, IB=-5.0mA
-0.40
V
IC=-10mA, IB=-1.0mA
-0.65
-0.85
Base-Emitter Saturation Voltage
VBE(SAT)
IC=-50mA, IB=-5.0mA
-0.95
V
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
COBO
VCB=-5.0V, f=1.0MHz, IE=0
4.5
pF
Input Capacitance
CIBO
VEB=-0.5V, f=1.0MHz, IC=0
10
pF
Input Impedance
hIE
2.0
12
kΩ
Voltage Feedback Ratio
hRE
0.1
10
×10
-4
Small Signal Current Gain
hFE
100
400
Output Admittance
hOE
VCE=10V, IC=1.0mA, f=1.0kHz
3.0
60
μS
Current Gain-Bandwidth Product
fT
VCE=-20V, IC=-10mA, f=100MHz
250
MHz
Noise Figure
NF
VCE=-5.0V, IC=-100μA, RS=1.0kΩ,
f=1.0kHz
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
tD
35
ns
Rise Time
tR
VCC=-3.0V, IC=-10mA,
VBE(OFF)=0.5V, IB1=-1.0mA
35
ns
Storage Time
tS
225
ns
Fall Time
tF
VCC=-3.0V, IC=-10mA,
IB1=IB2=-1.0mA
75
ns
Note: 1. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com