Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT3946L-AL6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MMDT3946L-AL6-R
Description  COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMDT3946L-AL6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  MMDT3946L-AL6-R Datasheet HTML 1Page - Unisonic Technologies MMDT3946L-AL6-R Datasheet HTML 2Page - Unisonic Technologies MMDT3946L-AL6-R Datasheet HTML 3Page - Unisonic Technologies MMDT3946L-AL6-R Datasheet HTML 4Page - Unisonic Technologies MMDT3946L-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MMDT3946
Preliminary
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R218-015.a
ELECTRICAL CHARACTERISTICS(Cont.)(TA=25°C,unless otherwise specified.)
TR2(NPN)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
(Note 1)
Collector-Base Breakdown Voltage
V(BR)CBO IC=10μA, IE=0
60
V
Collector-Emitter Breakdown Voltage
V(BR)CEO IC=1.0mA, IB=0
40
V
Emitter-Base Breakdown Voltage
V(BR)EBO IE=10μA, IC=0
5.0
6.0
V
Collector Cutoff Current
ICEX
VCE=30V, VEB(OFF)=3.0V
50
nA
Base Cutoff Current
IBL
VCE=30V, VEB(OFF)=3.0V
50
nA
ON CHARACTERISTICS
(Note 1)
IC=100µA, VCE=1.0V
40
IC=1.0mA, VCE=1.0V
70
IC=10mA, VCE=1.0V
100
300
IC=50mA, VCE=1.0V
60
DC Current Gain
hFE
IC=100mA, VCE=1.0V
30
IC=10mA, IB=1.0mA
0.20
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=50mA, IB=5.0mA
0.30
V
IC=10mA, IB=1.0mA
0.65
0.85
Base-Emitter Saturation Voltage
VBE(SAT)
IC=50mA, IB=5.0mA
0.95
V
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
COBO
VCB=5.0V, f=1.0MHz, IE=0
4.0
pF
Input Capacitance
CIBO
VEB=0.5V, f=1.0MHz, IC=0
8.0
pF
Input Impedance
hIE
1.0
10
kΩ
Voltage Feedback Ratio
hRE
0.5
8.0 ×10
-4
Small Signal Current Gain
hFE
100
400
Output Admittance
hOE
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
40
μS
Current Gain-Bandwidth Product
fT
VCE=20V, IC=20mA, f=100MHz
300
MHz
Noise Figure
NF
VCE=5.0V, IC=100μA, RS=1.0kΩ,
f=1.0kHz
5.0
dB
SWITCHING CHARACTERISTICS
Delay Time
tD
35
ns
Rise Time
tR
VCC=3.0V, IC=10mA,
VBE(OFF)=-0.5V, IB1=1.0mA
35
ns
Storage Time
tS
200
ns
Fall Time
tF
VCC=3.0V, IC=10mA,
IB1=IB2=1.0mA
50
ns
Note: 1. Short duration pulse test used to minimize self-heating effect.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com