Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12P10G-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 12P10G-TQ2-R
Description  9.4A, 100V P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12P10G-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  12P10G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 12P10G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 12P10G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 12P10G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 12P10G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 12P10G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
12P10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-262.B
ELECTRICAL CHARACTERISTICS (Tc=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0 V, ID=-250µA
-100
V
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ ID=-250µA,Referenced to 25°C
-0.1
V/°C
Drain-Source Leakage Current
IDSS
VDS=-100V, VGS=0V
-1
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±30V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-2.0
-4.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=-10V, ID=-4.7A
0.24 0.29
Ω
Forward Transconductance
gFS
VDS =-40V, ID=-4.7A (Note 1)
6.3
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=-25V, VGS=0V, f=1.0MHz
620 800
pF
Output Capacitance
COSS
220 290
pF
Reverse Transfer Capacitance
CRSS
65
85
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=-80V, ID=-11.5A,
VGS=-10V(Note 1, 2)
21
27
nC
Gate Source Charge
QGS
4.6
nC
Gate Drain Charge
QGD
11.5
nC
Turn-ON Delay Time
tD(ON)
VDD=-50V, ID=-11.5A,
RG=25Ω(Note 1, 2)
15
40
ns
Turn-ON Rise Time
tR
160 330
ns
Turn-OFF Delay Time
tD(OFF)
35
80
ns
Turn-OFF Fall-Time
tF
60
130
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
VGS=0V, IS=-9.4A
-4.0
V
Maximum Body-Diode Continuous Current
IS
-9.4
A
Maximum
Pulsed
Drain-Source
Diode
Forward Current
ISM
-37.6
A
Note: 1. Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%
Note: 2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com