Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12P10G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 12P10G-TQ2-R
Description  9.4A, 100V P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12P10G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  12P10G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 12P10G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 12P10G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 12P10G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 12P10G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 12P10G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
12P10
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-262.B
9.4A, 100V P-CHANNEL
POWER MOSFET
DESCRIPTION
The 12P10 uses advanced proprietary, planar stripe, DMOS
technology to provide excellent RDS(ON), low gate charge and
operation with low gate voltages. This device is suitable to be
used in low voltage applications such as audio amplifier, high
efficiency switching DC/DC converters, and DC motor control.
FEATURES
* RDS(ON) = 0.29Ω @VGS = -10 V
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
12P10L-TM3-T
12P10G-TM3-T
TO-251
G
D
S
Tube
12P10L-TN3-R
12P10G-TN3-R
TO-252
G
D
S
Tape Reel
12P10L-TQ2-R
12P10G-TQ2-R
TO-263
G
D
S
Tape Reel
12P10L-TQ2-T
12P10G-TQ2-T
TO-263
G
D
S
Tube


Similar Part No. - 12P10G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12P10G-TQ2-R UTC-12P10G-TQ2-R Datasheet
289Kb / 7P
P-CHANNEL POWER MOSFET
More results

Similar Description - 12P10G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR IRF-IRFR Datasheet
142Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A)
IRFY9240CM IRF-IRFY9240CM Datasheet
270Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-9.4A)
logo
Unisonic Technologies
UTT18P10 UTC-UTT18P10 Datasheet
243Kb / 6P
100V, 19A P-CHANNEL POWER MOSFET
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
25A, 100V P-CHANNEL POWER MOSFET
UTT50P10 UTC-UTT50P10 Datasheet
127Kb / 2P
-50A, -100V P-CHANNEL POWER MOSFET
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
70A, 100V P-CHANNEL POWER MOSFET
UT23P09 UTC-UT23P09 Datasheet
171Kb / 6P
-23A, -100V P-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
-40A, -100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
-6.8A, -100V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
-100V P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com