Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFY9240CM Datasheet (PDF) - International Rectifier

IRFY9240CM Datasheet PDF - International Rectifier
Part # IRFY9240CM
Download  IRFY9240CM Download
File Size   270.98 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-9.4A)

IRFY9240CM Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFY9240CM Datasheet PDF - International Rectifier

Part # IRFY9240CM
Download  IRFY9240CM Click to download

File Size   270.98 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-9.4A)

IRFY9240CM Datasheet (HTML) - International Rectifier


IRFY9240CM Product details

Part Number    Rds(on)    Id       Eyelets
IRFY9240C     0.51 Ω     -9.4A    Ceramic
IRFY9240CM    0.51 Ω     -9.4A    Ceramic

HEXFET® MOSFET technology is the key to International Rectifier’s advanced line of power MOSFET transistors. The efficient geometry design achieves very low on-state resistance combined with high transconductance. HEXFET transistors also feature all of the well-established advantages of MOSFETs, such as voltage control, very fast switching, ease of paralleling and electrical parameter temperature stability. They are well-suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers, high energy pulse circuits, and virtually any application where high reliability is required. The HEXFET transistor’s totally isolated package eliminates the need for additional isolating material between the device and the heatsink. This improves thermal efficiency and reduces drain capacitance.

Features:
■ Simple Drive Requirements
■ Ease of Paralleling
■ Hermetically Sealed
■ Electrically Isolated
■ Ceramic Eyelets
■ Ideally Suited For Space Level Applications




Similar Part No. - IRFY9240CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY9240C IRF-IRFY9240C Datasheet
148Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA
logo
Seme LAB
IRFY9240C SEME-LAB-IRFY9240C Datasheet
15Kb / 1P
P-Channel MOSFET in a Hermetically sealed
logo
International Rectifier
IRFY9240C IRF-IRFY9240C Datasheet
148Kb / 7P
Simple Drive Requirements
IRFY9240C IRF-IRFY9240C_15 Datasheet
148Kb / 7P
Simple Drive Requirements
More results


Similar Description - IRFY9240CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN9240 IRF-IRFN9240 Datasheet
215Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-11A)
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
IRH7450SE IRF-IRH7450SE Datasheet
146Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=11A)
IRH9230 IRF-IRH9230 Datasheet
154Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
IRH9250 IRF-IRH9250 Datasheet
163Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.315ohm, Id=-14A)
IRHM9230 IRF-IRHM9230 Datasheet
201Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
IRHN7450SE IRF-IRHN7450SE Datasheet
111Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=12A)
IRHN9230 IRF-IRHN9230 Datasheet
120Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
JANTX2N6806 IRF-JANTX2N6806 Datasheet
241Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
JANTX2N6851 IRF-JANTX2N6851 Datasheet
282Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.80ohm, Id=-4.0A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com