Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRH7450SE Datasheet (PDF) - International Rectifier

IRH7450SE Datasheet PDF - International Rectifier
Part # IRH7450SE
Download  IRH7450SE Download
File Size   146.35 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=11A)

IRH7450SE Datasheet (PDF)

Go To PDF Page Download Datasheet
IRH7450SE Datasheet PDF - International Rectifier

Part # IRH7450SE
Download  IRH7450SE Click to download

File Size   146.35 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=11A)

IRH7450SE Datasheet (HTML) - International Rectifier


IRH7450SE Product details

International Rectifier’s RADHardTM HEXFET® MOSFET technology provides high performance power MOSFETs for space applications. This technology has over a decade of proven performance and reliability in satellite applications. These devices have been characterized for both Total Dose and Single Event Effects (SEE). The combination of low RDS(on) and low gate charge reduces the power losses in switching applications such as DC to DC converters and motor control. These devices retain all of the well established advantages of MOSFETs such as voltage control, fast switching, ease of paralleling and temperature stability of electrical parameters.



Features:

■ Single Event Effect (SEE) Hardened

■ Ultra Low RDS(on)

■ Low Total Gate Charge

■ Proton Tolerant

■ Simple Drive Requirements

■ Ease of Paralleling

■ Hermetically Sealed

■ Light Weight



 




Similar Part No. - IRH7450SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH7450SE IRF-IRH7450SE Datasheet
122Kb / 8P
Simple Drive Requirements
IRH7450SE IRF-IRH7450SE_15 Datasheet
122Kb / 8P
Simple Drive Requirements
More results


Similar Description - IRH7450SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN450 IRF-IRFN450 Datasheet
218Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.415ohm, Id=12A)
IRFN9240 IRF-IRFN9240 Datasheet
215Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-11A)
IRFY9240CM IRF-IRFY9240CM Datasheet
270Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-9.4A)
IRHI7460SE IRF-IRHI7460SE Datasheet
131Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
IRHM7450SE IRF-IRHM7450SE Datasheet
122Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=12A)
IRHM7460SE IRF-IRHM7460SE Datasheet
132Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=18.8A)
IRHN7450SE IRF-IRHN7450SE Datasheet
111Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=12A)
IRHN9130 IRF-IRHN9130 Datasheet
120Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRHNA7460SE IRF-IRHNA7460SE Datasheet
139Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
JANTX2N6770 IRF-JANTX2N6770 Datasheet
230Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500v, Rds(on)=0.40ohm, Id=12A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com