Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRHM7450SE Datasheet (PDF) - International Rectifier

IRHM7450SE Datasheet PDF - International Rectifier
Part # IRHM7450SE
Download  IRHM7450SE Download
File Size   122.09 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=12A)

IRHM7450SE Datasheet (PDF)

Go To PDF Page Download Datasheet
IRHM7450SE Datasheet PDF - International Rectifier

Part # IRHM7450SE
Download  IRHM7450SE Click to download

File Size   122.09 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=12A)

IRHM7450SE Datasheet (HTML) - International Rectifier


IRHM7450SE Product details

N-CHANNEL SINGLE EVENT EFFECT (SEE) RAD HARD



500 Volt, 0.51Ω, (SEE) RAD HARD HEXFET



International Rectifier’s (SEE) RAD HARD technology HEXFETs demonstrate virtual immunity to SEE fail ure. Additionally, under identical pre- and post-radiation test conditions, International Rectifier’s RAD HARD HEXFETs retain identical electrical specifications up to 1 x 105 Rads (Si) total dose. No compensation in gate drive circuitry is required. These devices are also capable of surviving transient ionization pulses as high as 1 x 1012 Rads (Si)/Sec, and return to normal operation within a few microseconds. Since the SEE process utilizes International Rectifier’s patented HEXFET technology, the user can expect the highest quality and reliability in the industry.



Features:

■ Radiation Hardened up to 1 x 105 Rads (Si)

■ Single Event Burnout (SEB) Hardened

■ Single Event Gate Rupture (SEGR) Hardened

■ Gamma Dot (Flash X-Ray) Hardened

■ Neutron Tolerant

■ Identical Pre- and Post-Electrical Test Conditions

■ Repetitive Avalanche Rating

■ Dynamic dv/dt Rating

■ Simple Drive Requirements

■ Ease of Paralleling

■ Hermetically Sealed

■ Electrically Isolated

■ Ceramic Eyelets




Similar Part No. - IRHM7450SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7450SE IRF-IRHM7450SE Datasheet
142Kb / 8P
Simple Drive Requirements
IRHM7450SE IRF-IRHM7450SE_15 Datasheet
142Kb / 8P
Simple Drive Requirements
More results


Similar Description - IRHM7450SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF450 IRF-IRF450 Datasheet
144Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A)
IRFN450 IRF-IRFN450 Datasheet
218Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.415ohm, Id=12A)
IRFN9240 IRF-IRFN9240 Datasheet
215Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-11A)
IRFY9240CM IRF-IRFY9240CM Datasheet
270Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-9.4A)
IRH7450SE IRF-IRH7450SE Datasheet
146Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=11A)
IRHI7460SE IRF-IRHI7460SE Datasheet
131Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
IRHM7460SE IRF-IRHM7460SE Datasheet
132Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=18.8A)
IRHN7450SE IRF-IRHN7450SE Datasheet
111Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=12A)
IRHNA7460SE IRF-IRHNA7460SE Datasheet
139Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
JANTX2N6770 IRF-JANTX2N6770 Datasheet
230Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500v, Rds(on)=0.40ohm, Id=12A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com