Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE555-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # NE555-S08-R
Description  SINGLE TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

NE555-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  NE555-S08-R Datasheet HTML 1Page - Unisonic Technologies NE555-S08-R Datasheet HTML 2Page - Unisonic Technologies NE555-S08-R Datasheet HTML 3Page - Unisonic Technologies NE555-S08-R Datasheet HTML 4Page - Unisonic Technologies NE555-S08-R Datasheet HTML 5Page - Unisonic Technologies NE555-S08-R Datasheet HTML 6Page - Unisonic Technologies NE555-S08-R Datasheet HTML 7Page - Unisonic Technologies NE555-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
NE555
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R106-001,F
SINGLE TIMER
DESCRIPTION
The UTC NE555 is a highly stable timer integrated circuit. It can
be operated in both Astable and Monostable mode. With monostable
operation, the time delay is precisely controlled by one external and
one capacitor. With a stable operation as an oscillator the frequency
and duty cycle are both accurately controlled with two external
resistors and one capacitor.
FEATURES
*High current driver capability(=200mA).
*Adjustable duty cycle.
*Timing from
μs to hours.
*Turn off time less than 2
μs.
*Operates in both astable and monostable modes.
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
NE555-D08-T
NE555L-D08-T
NE555G-D08-T
DIP-8
Tube
NE555-S08-R
NE555L-S08-R
NE555G-S08-R
SOP-8
Tape Reel
NE555-S08-T
NE555L-S08-T
NE555G-S08-T
SOP-8
Tube


Similar Part No. - NE555-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
NE555-S08-R UTC-NE555-S08-R Datasheet
205Kb / 8P
SINGLE TIMER
More results

Similar Description - NE555-S08-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
Single Timer
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
SINGLE TIMER
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
Single Timer
logo
Fairchild Semiconductor
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
Single Timer
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
SINGLE TIMER
C555 UTC-C555_18 Datasheet
208Kb / 4P
SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com