Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18N50G-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 18N50G-TQ2-R
Description  18A, 500V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

18N50G-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  18N50G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 18N50G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 18N50G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 18N50G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 18N50G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 18N50G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
18N50
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-477.G
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
500
V
Gate to Source Voltage
VGSS
±30
V
Drain Current
Continuous
ID
18
A
Pulsed (Note 2)
IDM
72 (Note 5)
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
945
mJ
Repetitive (Note 2)
EAR
23.5
mJ
Avalanche Current (Note 2)
IAR
18
A
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220F1
PD
38.5
W
TO-220F2
40.5
TO-263
23.5
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L=5.2mH, IAS=18A, VDD=50V, RG=25Ω, Starting TJ=25°C
4. ISD ≤18A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C
5. Drain current limited by maximum junction temperature
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
TO-220F1
θJc
3.3
°C/W
TO-220F2
3.0
TO-263
0.53



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com