Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18N50G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 18N50G-TQ2-R
Description  18A, 500V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

18N50G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  18N50G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 18N50G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 18N50G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 18N50G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 18N50G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 18N50G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
18N50
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-477.G
18A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 18N50 is an N-channel enhancement mode power
MOSFET using UTC’s advanced planar stripe and DMOS technology
to provide perfect performance.
This technology can withstand high energy pulse in the avalanche
and commutation mode. It can provide minimum on-state resistance
and high switching speed.
This device is generally applied in active power factor correction
and high efficient switched mode power supplies.
FEATURES
* RDS(ON)=0.32Ω @ VGS=10V
* High switching speed
* Typically 45nC low gate charge
* 100% avalanche tested
* Typically 25pF low CRSS
* Improved dv/dt capability
SYMBOL
1.Gate
3.Source
2.Drain
TO-220F1
1
TO-220F2
1
TO-263
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
18N50L-TF1-T
18N50G-TF1-T
TO-220F1
G
D
S
Tube
18N50L-TF2-T
18N50G-TF2-T
TO-220F2
G
D
S
Tube
18N50L-TQ2-T
18N50G-TQ2-T
TO-263
G
D
S
Tube
18N50L-TQ2-R
18N50G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 18N50G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
18N50G-TF1-T UTC-18N50G-TF1-T Datasheet
163Kb / 6P
18 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 18N50G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
500V N-Channel Power MOSFET
TSM9N50 TSC-TSM9N50 Datasheet
219Kb / 7P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
500V N-Channel Power MOSFET
logo
HY ELECTRONIC CORP.
HY18N50W HY-HY18N50W Datasheet
299Kb / 4P
500V / 18A N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
500V N-Channel Power MOSFET
TSM1N50CT TSC-TSM1N50CT Datasheet
124Kb / 7P
500V N-CHANNEL POWER MOSFET
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com