Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2308G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA2308G-S08-R
Description  CLASS AB STEREO HEADPHONE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA2308G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PA2308G-S08-R Datasheet HTML 1Page - Unisonic Technologies PA2308G-S08-R Datasheet HTML 2Page - Unisonic Technologies PA2308G-S08-R Datasheet HTML 3Page - Unisonic Technologies PA2308G-S08-R Datasheet HTML 4Page - Unisonic Technologies PA2308G-S08-R Datasheet HTML 5Page - Unisonic Technologies PA2308G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PA2308
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R107-057.A
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
I/O
PIN DESCRIPTION
1
VOUT A
O
Channel A output pin
2
Inverting Input A
I
Inverting input for channel A
3
Non- Inverting Input A
I
Non-inverting input for channel A
4
VSS
Ground
5
Non- Inverting Input B
I
Non-inverting input for channel B
6
Inverting Input B
I
Inverting input for channel B
7
VOUT B
O
Channel B output pin
8
VDD
I
Supply voltage input pin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com