Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2308G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA2308G-S08-R
Description  CLASS AB STEREO HEADPHONE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA2308G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA2308G-S08-R Datasheet HTML 1Page - Unisonic Technologies PA2308G-S08-R Datasheet HTML 2Page - Unisonic Technologies PA2308G-S08-R Datasheet HTML 3Page - Unisonic Technologies PA2308G-S08-R Datasheet HTML 4Page - Unisonic Technologies PA2308G-S08-R Datasheet HTML 5Page - Unisonic Technologies PA2308G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA2308
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R107-057.A
CLASS AB STEREO
HEADPHONE DRIVER
DESCRIPTION
As operating on a single 5V supply, the UTC PA2308 is
capable of delivering 280mW of max. Output power to an 8Ωload
or 110mW to a 32Ωload with less than 10% (THD+N).
The device is very sutible for portable digital audio application.
FEATURES
* Output power less than 10% THD+N, VDD=5V(TYP)
--280mW/CH (typical) into a 8Ω load
--110mW/CH (typical) into a 32Ω load
*Very High signal-to-noise ratio
*Large output voltage swing
*Good power supply ripple rejection
*Low power consumption and Low distortion
*Fix wide temperature range
*Without switch ON/OFF clicks
SOP-8
Lead-free:
PA2308L
Halogen-free: PA2308G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Halogen Free
Package
Packing
PA2308-S08-R
PA2308L-S08-R
PA2308G-S08-R
SOP-8
Tape Reel
PA2308-S08-T
PA2308L-S08-T
PA2308G-S08-T
SOP-8
Tube


Similar Part No. - PA2308G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA2308G-S08-R UTC-PA2308G-S08-R Datasheet
248Kb / 5P
CLASS AB STEREO HEADPHONE DRIVER
More results

Similar Description - PA2308G-S08-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
Class AB stereo headphone driver
August 1994
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
Class AB stereo headphone driver
2002 Jul 19
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308 NXP-TDA1308 Datasheet
117Kb / 19P
Class-AB stereo headphone driver
Rev. 04-25 January 2007
logo
Unisonic Technologies
3541 UTC-3541_12 Datasheet
201Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
Unisonic Technologies
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
CLASS AB STEREO HEADPHONE DRIVER
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
Class AB Stereo Headphone Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com