Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25N06G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 25N06G-TN3-R
Description  25A, 60V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

25N06G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  25N06G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 25N06G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 25N06G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 25N06G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 25N06G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 25N06G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
25N06
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-450.b
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
60
V
Drain-Source Leakage Current (VGS=0)
IDSS
VDS=Max Rating
1
µA
VDS= Max Rating×0.8, TC=125°C
10
Gate- Source Leakage Current (VDS=0)
IGSS
VGS=±20V
±100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2
2.9
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=12.5A
0.048 0.065
On State Drain Current
ID(on)
VDS>ID(on) ×RDS(ON)MAX, VGS=10V
25
A
Forward Transconductance (Note 1)
gFS
VDS>ID(on) ×RDS(ON)MAX, ID=12.5A
7
11
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1MHz
700
900
pF
Output Capacitance
COSS
320 450
pF
Reverse Transfer Capacitance
CRSS
90
150
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDD=40V, VGS=10V, ID=25A
26
40
nC
Gate to Source Charge
QGS
8
nC
Gate to Drain Charge
QGD
9
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=3A, RG=50Ω,
VGS=10V
30
45
ns
Rise Time
tR
90
130
ns
Turn-OFF Delay Time
tD(OFF)
VDD=40V, ID=25A, RG=50Ω,
VGS=10V
80
120
ns
Fall-Time
tF
80
120
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
ISD=25A, VGS=0V (Note 1)
1.5
V
Source-Drain Current
ISD
25
A
Source-Drain Current (Pulsed) (Note 2)
ISDM
100
A
Note: 1. Pulsed: Pulse duration = 300µs, duty cycle 1.5%.
2. Pulse width limited by safe operating area



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com