Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25N06G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 25N06G-TN3-R
Description  25A, 60V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

25N06G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  25N06G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 25N06G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 25N06G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 25N06G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 25N06G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 25N06G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
25N06
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-450.b
25A, 60V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 25N06 is an N-channel enhancement mode power
MOSFET, which provides low gate charge, avalanche rugged
technology, and so on.
The UTC 25N06 is universally applied in DC-DC & DC-AC
converters, motor control, high current, high speed switching,
solenoid and relay drivers, regulators, audio amplifiers, automotive
environment.
FEATURES
* Low Gate Charge
* RDS(on) = 0.048 Ω (TYP.)
* Avalanche Rugged Technology
* 100% Avalanche Tested
* Repetitive Avalanche at 100°C
* High Current Capability
* Operating Temperature: 150°C
* Application Oriented Characterization
SYMBOL
1.Gate
2.Drain
3.Source
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
25N06L-TA3-T
25N06G-TA3-T
TO-220
G
D
S
Tube
25N06L-TN3-T
25N06G-TN3-T
TO-252
G
D
S
Tube
25N06L-TN3-R
25N06G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate, D: Drain, S: Source


Similar Part No. - 25N06G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
25N06G-TA3-T UTC-25N06G-TA3-T Datasheet
179Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
25N06G-TA3-T VBSEMI-25N06G-TA3-T Datasheet
2Mb / 9P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 25N06G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP25N06 FAIRCHILD-RFP25N06 Datasheet
419Kb / 8P
25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
September 1998
RFF70N06 INTERSIL-RFF70N06 Datasheet
78Kb / 8P
25A, 60V, 0.025 Ohm, N-Channel Power MOSFET
March 1999
RFP25N06 INTERSIL-RFP25N06 Datasheet
106Kb / 8P
25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
July 1999
logo
Unisonic Technologies
UTT25N08 UTC-UTT25N08 Datasheet
159Kb / 3P
25A, 80V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
logo
Rohm
RQ3L070AT ROHM-RQ3L070AT Datasheet
2Mb / 13P
Pch -60V -25A Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com