Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3312-N24-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # PA3312-N24-R
Description  DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3312-N24-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button PA3312-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 9Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PA3312
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R107-055.A
TYPICAL CHARACTERISTICS(Cont.)
-120
-80
-20
0
20
100
1K
10K
Supply Ripple Rejection Ratio vs.
Frequency
-100
-60
-40
Frequency, f (Hz)
20K
RL=32Ω
CB=0.47µF
GV=4.1dB
SE
-120
-80
-20
0
20
100
1K
10K
Crosstalk vs. Frequency
-100
-60
-40
Frequency, f (Hz)
20K
POUT=1W
RL=8Ω
GV=6dB
BTL
LEFT TO RIGHT
RIGHT TO LEFT
-120
-80
-20
0
20
100
1K
10K
Crosstalk vs. Frequency
-100
-60
-40
Frequency, f (Hz)
20K
VOUT=1 VRMS
RL=10KΩ
GV=4.1dB
SE
LEFT TO RIGHT
RIGHT TO LEFT
-120
-80
-20
0
20
100
1K
10K
Shutdown Attenuation vs. Frequency
-100
-60
-40
Frequency, f (Hz)
20K
VIN=1 VRMS
RL=10KΩ, SE
RL=32Ω, SE
RL=8Ω, BTL
60
80
120
140
20
100
1K
10K
Signal-to-Noise Ratio vs. Frequency
70
100
110
Frequency, f (Hz)
20K
POUT=1W
RL=8Ω
BTL
90
130
GV=6dB
GV=21.6dB
GV=15.6dB
-10
-5
5
10
10
100
1K
10K
Closed-Loop Response
-7.5
0
2.5
Frequency, f (Hz)
1M
-2.5
7.5
100K
180
90
0
-90
-180
RL=8Ω
GV=6dB
BTL
Phase
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com