Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3312-N24-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA3312-N24-R
Description  DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3312-N24-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA3312-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3312-N24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA3312
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R107-055.A
DUAL 2.6W AUDIO POWER
AMPLIFIER WITH FOUR
SELECTABLE GAIN SETTINGS
AND INPUT-MUX CONTROL
DESCRIPTION
The UTC PA3312 is a monolithic integrated circuit that stereo
bridged audio power amplifiers capable of producing 2.6W into 3Ω
with less than 10% THD+N or 1W into 8Ω with less than 0.65%
THD+N. This device minimizes the number of external components
needed, simplifying the design, and freeing up board space for
other features. Both of the depop circuitry and the thermal
shutdown protection circuitry are integrated in UTC PA3312, that
reduce pops and clicks noise during power up or shutdown mode
operation .
Amplifier gain is internally configured and controlled by way of
two terminals (GAIN0 and GAIN1). BTL gain setting of 6 dB, 10 dB,
15.6dB, 21.6dB (inverting) are provided, whereas SE gain is
always configured as 4.1dB for headphone drive. A MUX control
terminal (HP/LINE) allows selection between the two sets of stereo
input signals. To simplify the audio system design, UTC PA3312
combines a stereo bridge-tied loads (BTL) mode for speaker drive
and a stereo single-end (SE) mode for headphone drive into a
single chip, where both modes are easily switched by the SE/BTL
input control pin signal.
FEATURES
* Low operating current with 10mA
* Compatible with pc 99 desktop line-out into 10KΩ load
* Internal gain control ,which eliminates external gain-setting
resistors
* 2.6w per channel output power into 3Ω at 5V , BTL mode
* Input MUX select terminal
* Pc-beep input
* Improves depop circuitry to eliminate turn-on and turn-off
transients in output
* Fully differential input
*Pb-free plating product number: PA3312L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
PA3312-N24-R
PA3312L-N24-R
HTSSOP-24
Tape Reel
PA3312-N24-T
PA3312L-N24-T
HTSSOP-24
Tube


Similar Part No. - PA3312-N24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3312G-N24-R UTC-PA3312G-N24-R Datasheet
292Kb / 11P
DUAL 2.6W AUDIO POWER AMPLIFIER
PA3312 UTC-PA3312_15 Datasheet
292Kb / 11P
DUAL 2.6W AUDIO POWER AMPLIFIER
More results

Similar Description - PA3312-N24-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Texas Instruments
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com