Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZT4033G-AA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PZT4033G-AA3-R
Description  PNP SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZT4033G-AA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PZT4033G-AA3-R Datasheet HTML 1Page - Unisonic Technologies PZT4033G-AA3-R Datasheet HTML 2Page - Unisonic Technologies PZT4033G-AA3-R Datasheet HTML 3Page - Unisonic Technologies PZT4033G-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PZT4033
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R207-002,C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Power Dissipation
PD
2
W
Collector Current
IC
-1
A
Junction Temperature
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
62.5
°C /W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-10μA,IE=0
-80
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-10mA,IB=0
-80
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-10μA,IC=0
-5
V
Collector Cut-off Current
ICBO
VCB=-60V, IE=0
-50
nA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-10
nA
DC Current Gain
hFE
VCE=-5V, IC=-0.1mA
75
VCE=-5V, IC=-100mA
100
300
VCE=-5V, IC=-500mA
70
VCE=-5V, IC=-1A
25
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-150mA, IB=-15mA
-0.15
V
IC=-500mA, IB=-50mA
-0.5
Base-Emitter Saturation Voltage
VBE(SAT)
IC=-150mA, IB=-15mA
-0.9
V
IC=-500mA, IB=-50mA
-1.1
Gain Bandwidth Product
f
VCE= -10V, IC= -50mA, f=1MHz
100
MHz
Output Capacitance
COB
VCB=-10V, IE=0, f=1MHz
20
pF
Input Capacitance
CIB
VEB=-0.5V, IC=0, f=1MHz
110
pF
Switching Time
Turn-on Time
tON
IC=-500mA, VCE= -30V,
IB1=- IB2=-50mA
100
ns
Storage Time
tSTG
350
ns
Fall Time
tF
50
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com