Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZT4033G-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PZT4033G-AA3-R
Description  PNP SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZT4033G-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  PZT4033G-AA3-R Datasheet HTML 1Page - Unisonic Technologies PZT4033G-AA3-R Datasheet HTML 2Page - Unisonic Technologies PZT4033G-AA3-R Datasheet HTML 3Page - Unisonic Technologies PZT4033G-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PZT4033
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R207-002,C
TYPICAL CHARACTERISTICS
Ic -Collector Current(mA)
Collector-emitter Saturation Voltage
vs Collector Current
10
0.4
100
1000
0.2
0.6
β=10
13
0.3
0.1
150
100
Ic -Collector Current (mA)
Typical Pulsed Current Gain
vs Collector Current
250
0
300
200
50
10
30
100
300
1000
TA =125°C
TA =25°C
TA = -40°C
VCE=5V
TA =25°C
TA =-40°C
TA =125°C
Ic -Collector Current(mA)
Base-emitter Saturation Voltage
vs Collector Current
10
0.4
100
1000
0.6
0.8
β=10
TA =25°C
TA =-40°C
TA =125°C
1
1.2
Ic -Collector Current(mA)
Base-emitter ON Voltage
vs Collector Current
0.1
0.4
150
0.2
0.6
10
0.8
1.0
TA =125°C
TA =-40°C
TA =25°C
VCE=5V
TA-Ambient Temperature (°C)
Collector Cut off Current
vs Ambient Temperature
25
50
75
0.1
1
10
100
100
125
150
VCB=5V
Reverse Bias Voltage ( V)
Collector-Base and Emitter-Base
Capacitance vs Reverse Bias Voltage
-0.1
20
-1
-50
6
10
-10
50
100
f =1.0MHz
COBO
CIBO
200
500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com