Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZTA44L-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PZTA44L-AA3-R
Description  NPN HIGH VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZTA44L-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  PZTA44L-AA3-R Datasheet HTML 1Page - Unisonic Technologies PZTA44L-AA3-R Datasheet HTML 2Page - Unisonic Technologies PZTA44L-AA3-R Datasheet HTML 3Page - Unisonic Technologies PZTA44L-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PZTA44/45
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R207-003.C
TYPICAL CHARACTERISTICS
10
1
10
2
10
3
10
4
10
0
-40
-20
0
20
40
60
80
100
120
140
VCE=10V
Fig.1 DC Current Gain
Collector Current, IC(mA)
10
0
10
1
10
2
10
-1
Fig.2 Turn-ON Switching Time
VCE=150V
Ic/IB=10
TA=25°C
VBE(OFF)=4V
tF
tD
Collector Current, IC (mA)
10
0
10
1
10
2
Collector Current, Ic (mA)
10
-1
Fig.3 Turn-OFF Switching Time
10
0
10
1
10
1
10
0
10
2
tS
tF
VCE=150V
IC/IB=10
TA=25°C
Fig.4 Capacitance
Fig.5 ON Voltage
10
1
10
2
10
3
10
0
10
-1
Collector Voltage (V)
10
0
10
1
10
2
10
3
CIB
COB
10
1
10
2
10
3
10
0
10
-1
Collector Current, Ic (mA)
TA=25°C
0
0.2
0.4
0.6
0.8
1.0
VBE(SAT),Ic/IB=10
VBE(ON),VCE=10V
VCE(SAT),Ic/IB=10
Fig.6 Collector Saturation Region
Base Current, IB ( A)
10
1
10
2
10
3
10
4
10
5
0
0.2
0.4
0.3
0.1
0.5
TA=25°C
IC=1mA
IC=10mA
IC=50mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com