Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZTA44L-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PZTA44L-AA3-R
Description  NPN HIGH VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZTA44L-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PZTA44L-AA3-R Datasheet HTML 1Page - Unisonic Technologies PZTA44L-AA3-R Datasheet HTML 2Page - Unisonic Technologies PZTA44L-AA3-R Datasheet HTML 3Page - Unisonic Technologies PZTA44L-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PZTA44/45
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R207-003.C
NPN HIGH VOLTAGE
TRANSISTOR
FEATURES
* Collector-emitter voltage:
VCEO=400V(PZTA44)
VCEO=350V(PZTA45)
* Collector current up to 300mA
* Complement to PZTA94/93
APPLICATION
* Telephone switching
* High voltage switch
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Lead Free
1
2
3
PZTA44L-AA3-R
PZTA44L-AA3-R
SOT-223
B
C
E
Tape Reel
PZTA45L-AA3-R
PZTA45L-AA3-R
SOT-223
B
C
E
Tape Reel


Similar Part No. - PZTA44L-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PZTA44L-AA3-R UTC-PZTA44L-AA3-R Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
PZTA44L-AA3-R UTC-PZTA44L-AA3-R Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44L-AA3-R DGNJDZ-PZTA44L-AA3-R Datasheet
207Kb / 4P
NPN SILICON TRANSISTOR
More results

Similar Description - PZTA44L-AA3-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
High Voltage NPN Transistor
logo
Unisonic Technologies
2SC5353B UTC-2SC5353B Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
High Voltage NPN Transistor
TS13003A TSC-TS13003A_14 Datasheet
388Kb / 5P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA45 UTC-PZTA45_15 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Nexperia B.V. All right...
MMBTA42-Q NEXPERIA-MMBTA42-Q Datasheet
181Kb / 7P
NPN high-voltage transistor
9 August 2022
PMBT5551-Q NEXPERIA-PMBT5551-Q Datasheet
186Kb / 8P
NPN high-voltage transistor
21 July 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com