Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXXLD20L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RXXLD20L-TN3-R
Description  2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RXXLD20L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  RXXLD20L-TN3-R Datasheet HTML 1Page - Unisonic Technologies RXXLD20L-TN3-R Datasheet HTML 2Page - Unisonic Technologies RXXLD20L-TN3-R Datasheet HTML 3Page - Unisonic Technologies RXXLD20L-TN3-R Datasheet HTML 4Page - Unisonic Technologies RXXLD20L-TN3-R Datasheet HTML 5Page - Unisonic Technologies RXXLD20L-TN3-R Datasheet HTML 6Page - Unisonic Technologies RXXLD20L-TN3-R Datasheet HTML 7Page - Unisonic Technologies RXXLD20L-TN3-R Datasheet HTML 8Page - Unisonic Technologies RXXLD20L-TN3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
RXXLD20
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R102-015.F
2A OUTPUT TYPE LOW
POWER-LOSS VOLTAGE
REGULATOR
FEATURES
* Low power-loss(Dropout voltage: 0.5V(max) at IOUT=2.0A)
* 2.0A output type
* Output voltage precision:±3.0%
* Built-in ON/OFF control function and over-current protection
circuit.
* Thermal shutdown protection.
1
TO-220B
TO-220F-4
TO-252
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1234
5
RXXLD20L-TB5-T
RXXLD20G-TB5-T
TO-220B
N
I
O
G
F
Tube
RXXLD20L-TF4-T
RXXLD20G-TF4-T
TO-220F-4
I
O
G
F
-
Tube
RXXLD20L-TN3-T
RXXLD20G-TN3-T
TO-252
I
G
O
-
-
Tube
RXXLD20L-TN3-R
RXXLD20G-TN3-R
TO-252
I
G
O
-
-
Tape Reel
Note: Pin Assignment: N: NC, I: INPUT, O: OUTPUT, G: GND, F: ON/OFF


Similar Part No. - RXXLD20L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RXXLD20L-TB5-T UTC-RXXLD20L-TB5-T Datasheet
155Kb / 9P
Linear Integrated Circuit
RXXLD20L-TF4-T UTC-RXXLD20L-TF4-T Datasheet
155Kb / 9P
Linear Integrated Circuit
More results

Similar Description - RXXLD20L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RF2 SHARP-PQ05RF2 Datasheet
69Kb / 8P
2A Output, Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD30 UTC-RXXLD30 Datasheet
104Kb / 9P
3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
2.0A Output Type Low Power-Loss Voltage Regulator
PQ05RF2 SHARP-PQ05RF2_01 Datasheet
96Kb / 9P
2A Output, Low Power-Loss Voltage Regulators
PQXXXRDA2SZH SHARP-PQXXXRDA2SZH Datasheet
175Kb / 6P
TO-220 Type,2A Output Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
RXXLD30 ETL-RXXLD30 Datasheet
110Kb / 9P
3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Unisonic Technologies
URXX20 UTC-URXX20 Datasheet
277Kb / 6P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com