Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXXLD20G-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # RXXLD20G-TN3-R
Description  2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RXXLD20G-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  RXXLD20G-TN3-R Datasheet HTML 1Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 2Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 3Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 4Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 5Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 6Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 7Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 8Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RXXLD20
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R102-015.F
ELECTRICAL CHARACTERISTICS(Cont.)
For R05LD20(5V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN =7V, IOUT=1A
4.85
5.0
5.15
V
Line Regulation
ΔV
OUT
VIN =6 ~ 12V, IOUT=5mA
0.5
2.5
%
Load Regulation
ΔV
OUT
VIN =7V, IOUT=5mA ~ 2.0A
0.1
2.0
%
Temperature Coefficient of Output Voltage
TCVO
TJ=0 ~ 125℃, IOUT=5mA
±0.02
%/℃
Ripple Rejection
RR
Refer to Fig.2
45
55
dB
Dropout Voltage
VD
(Note 1), IOUT=2A
0.5
V
Voltage for Control (Note 2)
ON
VC(ON)
VIN =7V
2.0
V
OFF
VC(OFF)
VIN =7V
0.8
V
Current for Control
ON
IC(ON)
VC=2.7V, VIN =7V
20
μA
OFF
IC(OFF)
VC=0.4V, VIN =7V
-0.4
mA
Quiescent Current
IQ
IOUT =0A, VIN =7V
10
mA
For R06LD20(6V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN =8V, IOUT=1A
5.82
6.0
6.18
V
Line Regulation
ΔV
OUT
VIN =7 ~ 13V, IOUT=5mA
0.5
2.5
%
Load Regulation
ΔV
OUT
VIN =8V, IOUT=5mA ~ 2.0A
0.1
2.0
%
Temperature Coefficient of Output Voltage
TCVO
TJ=0 ~ 125℃, IOUT=5mA
±0.02
%/℃
Ripple Rejection
RR
Refer to Fig.2
45
55
dB
Dropout Voltage
VD
(Note 1), IOUT=2A
0.5
V
Voltage for Control (Note 2)
ON
VC(ON)
VIN =8V
2.0
V
OFF
VC(OFF)
VIN =8V
0.8
V
Current for Control
ON
IC(ON)
VC=2.7V, VIN =8V
20
μA
OFF
IC(OFF)
VC=0.4V, VIN =8V
-0.4
mA
Quiescent Current
IQ
IOUT =0A, VIN =8V
10
mA
For R09LD20(9V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN =11V, IOUT=1A
8.73
9.0
9.27
V
Line Regulation
ΔV
OUT
VIN =10 ~ 16V, IOUT=5mA
0.5
2.5
%
Load Regulation
ΔV
OUT
VIN =11V, IOUT=5mA ~ 2.0A
0.1
2.0
%
Temperature Coefficient of Output Voltage
TCVO
TJ=0 ~ 125℃, IOUT=5mA
±0.02
%/℃
Ripple Rejection
RR
Refer to Fig.2
45
55
dB
Dropout Voltage
VD
(Note 1), IOUT=2A
0.5
V
Voltage for Control (Note 2)
ON
VC(ON)
VIN =11V
2.0
V
OFF
VC(OFF)
VIN =11V
0.8
V
Current for Control
ON
IC(ON)
VC=2.7V, VIN =11V
20
μA
OFF
IC(OFF)
VC=0.4V, VIN =11V
-0.4
mA
Quiescent Current
IQ
IOUT =0A, VIN =11V
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com