Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXXLD20G-TN3-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # RXXLD20G-TN3-R
Description  2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RXXLD20G-TN3-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button RXXLD20G-TN3-R Datasheet HTML 2Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 3Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 4Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 5Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 6Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 7Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 8Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 9Page - Unisonic Technologies RXXLD20G-TN3-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
RXXLD20
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R102-015.F
TYPICAL CHARACTERISTICS(Cont.)
0
25
15
10
520
0
5
10
15
20
Input voltage, VIN (V)
Fig.15 Output Voltage vs .Input
Voltage (R12LD30)
Fig.16 Circuit Operating Current vs .Input
Voltage (R33LD30)
RL=
RL=12
RL=6
05
10
0
20
40
60
80
Input voltage, VIN (V)
RL=
RL=3.3
RL=1.65
Input voltage, VIN (V)
Input voltage, VIN (V)
Fig.20 Dropout Voltage vs .Junction
Temperature
Junction temperature, TJ (℃)
05
10
0
20
40
60
80
Fig.17 Circuit Operating Current vs .Input
Voltage (R05LD30)
Input voltage, VIN (V)
0
10
15
Fig.18 Circuit Operating Current vs .Input
Voltage (R09LD30)
0
20
40
60
80
5
20
40
60
80
Fig.19 Circuit Operating Current vs .Input
Voltage (R12LD30)
0
25
15
10
520
0
-25
50
0
0.1
0.2
0.3
0.4
125
100
075
25
0.5
RL=
RL=5
RL=2.5
RL=
RL=9
RL=4.5
RL=
RL=12
RL=6
R33LD20
R12LD20
R09LD20
R05LD20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com